Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPS104-M Datasheet(PDF) 1 Page - Emerson Network Power

Part # LPS104-M
Description  150 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPS104-M Datasheet(HTML) 1 Page - Emerson Network Power

  LPS104-M Datasheet HTML 1Page - Emerson Network Power LPS104-M Datasheet HTML 2Page - Emerson Network Power LPS104-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev. 03.30.10_29
LPS100-M Series
1 of 3
Embedded Power for
Business-Critical Continuity
LPS100-M Series
150 Watts
Special Features
• Medical and ITE safeties
• Active power factor correction
• 2” x 4” footprint
• Less than 1U high
• EN61000-3-2 compliant
• Remote sense
• Power fail
• Adjustable main output
• Built-in Class B EMI filter
• Overvoltage protection
• Overload protection
• Thermal overload protection
• Isolated12 V Fan output
• LPX50 Enclosure kit available
Total Power:
80 - 150 Watts
Input Voltage:
90 - 264 Vac
# of Outputs:
Single
Electrical Specifications
Safety
Input
Input range:
90 - 264 Vac; 120 - 300 Vdc
Frequency:
47-63 Hz
Inrush current:
50 A max., cold start @ 25 °C
Efficiency:
88% typical at full load
EMI/RFI:
FCC Class B conducted; CISPR22 Class B conducted;
EN55022 Class B conducted; VDE0878PT3 Class B conducted
Safety ground
leakage current:
275 µA @ 50/60 Hz, 264 Vac input
Output
Maximum power:
100 W for convection (80 W for LPS102-M);
150 W with 30 CFM forced air (120 W for LPS102-M)
Adjustment range:
± 10% minimum on the main outputs
Fan output:
12 V @ 1 A isolated, ± 10%
Hold-up time:
10 ms @ 150 W load, 120 Vac input
Overload protection:
Short circuit protection on all outputs. Case overload
protected @ 110-160% above rating
Overvoltage protection: 15-35% above nominal output
Logical Control
Power failure:
Open collector logic signal goes high 100-500 msec after main output; it
goes low at least 6 msec before loss of regulation
Remote sense:
Compensates for 0.5 V lead drop min. Will operate without remote sense
connected. Reverse connection protected.
• TUV
60950, 60601-1
• UL
60950, 60601-1
• cULus
60950, 60601-1
• CB
Certificate & report
• CE
Mark (LVD)
• CQC
Mark


Similar Part No. - LPS104-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS104-M EMERSON-NETWORKPOWER-LPS104-M Datasheet
618Kb / 3P
   Medical and ITE safeties
LPS104-M EMERSON-NETWORKPOWER-LPS104-M Datasheet
643Kb / 3P
   150 Watts Medical and ITE safeties
logo
Artesyn Technologies
LPS104-M ARTESYN-LPS104-M Datasheet
678Kb / 3P
   Total Power: 80 - 150 Watts
LPS104-M ARTESYN-LPS104-M Datasheet
678Kb / 3P
   EN61000-3-2 compliant
More results

Similar Description - LPS104-M

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
250375-4X50-2 ANAREN-250375-4X50-2 Datasheet
333Kb / 2P
   150 Watts
A150N50X4C ANAREN-A150N50X4C Datasheet
236Kb / 2P
   150 Watts
150-50TCGF ANAREN-150-50TCGF Datasheet
301Kb / 2P
   150 Watts
logo
Astec America, Inc
BK60C-40 ASTEC-BK60C-40 Datasheet
677Kb / 2P
   150 Watts
AED17 ASTEC-AED17 Datasheet
781Kb / 2P
   150 Watts
LPQ150 ASTEC-LPQ150 Datasheet
249Kb / 2P
   150 Watts
LPS150 ASTEC-LPS150 Datasheet
746Kb / 2P
   150 Watts
AV60C-048L-033F10 ASTEC-AV60C-048L-033F10 Datasheet
301Kb / 2P
   50-150 Watts
AEH10-30 ASTEC-AEH10-30 Datasheet
462Kb / 2P
   50-150 Watts
logo
XP Power Limited
DLA XPPOWER-DLA Datasheet
290Kb / 4P
   50-150 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com