Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A30XX Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS7A30XX
Description  -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A30XX Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS7A30XX_11 Datasheet HTML 5Page - Texas Instruments TPS7A30XX_11 Datasheet HTML 6Page - Texas Instruments TPS7A30XX_11 Datasheet HTML 7Page - Texas Instruments TPS7A30XX_11 Datasheet HTML 8Page - Texas Instruments TPS7A30XX_11 Datasheet HTML 9Page - Texas Instruments TPS7A30XX_11 Datasheet HTML 10Page - Texas Instruments TPS7A30XX_11 Datasheet HTML 11Page - Texas Instruments TPS7A30XX_11 Datasheet HTML 12Page - Texas Instruments TPS7A30XX_11 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
10
100
1k
10k
Frequency(Hz)
100k
10
1
0.1
0.01
V
= 1.2V
V
= 3V
C
=10nF
C
=10 F
-
OUT
IN
NR/SS
OUT
-
m
RMSNOISE
10Hzto100kHz
100Hzto100kHz
I
OUT
1mA
200mA
15.13
14.73
17.13
16.71
I
=200mA
OUT
I
=1mA
OUT
10
100
1k
10k
Frequency(Hz)
100k
10
1
0.1
0.01
V
= 1.2V
V
= 3V
I
=200mA
C
=10 F
-
OUT
IN
OUT
OUT
-
m
RMSNOISE
10Hzto100kHz
100Hzto100kHz
C
NR/SS
0nF
10nF
80.00
79.83
17.29
16.81
C
=0nF
NR/SS
C
=10nF
NR/SS
10
100
1k
10k
Frequency(Hz)
100k
10
1
0.1
0.01
I
=1mA
C
=10 F
OUT
C
=10nF
C
=10nF
NR/SS
BYP
OUT
m
RMSNOISE
10Hzto100kHz
100Hzto100kHz
V
OUT(NOM)
-5V
-1.2V
17.50
15.04
15.13
14.73
V
= 5V
-
OUT(NOM)
V
=
OUT(NOM)
-1.2V
TPS7A30xx
www.ti.com
SBVS125A
– AUGUST 2010 – REVISED MARCH 2011
TYPICAL CHARACTERISTICS (continued)
At TJ = –40°C to +125°C, |VIN| = |VOUT(NOM)| + 1.0V or |VIN| = 3.0V (whichever is greater), VEN = VIN, IOUT = 1mA, CIN = 2.2μF,
COUT = 2.2μF, CNR/SS = 0nF, and the FB pin tied to OUT, unless otherwise noted.
OUTPUT SPECTRAL NOISE DENSITY vs OUTPUT CURRENT
Figure 19.
OUTPUT SPECTRAL NOISE DENSITY vs CNR/SS
Figure 20.
OUTPUT SPECTRAL NOISE DENSITY vs VOUT(NOM)
Figure 21.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9


Similar Part No. - TPS7A30XX_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
More results

Similar Description - TPS7A30XX_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A4901 TI1-TPS7A4901 Datasheet
843Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A49XX TI-TPS7A49XX_10 Datasheet
755Kb / 23P
[Old version datasheet]   36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A3001 TI1-TPS7A3001 Datasheet
847Kb / 24P
[Old version datasheet]   ??6V, ??00mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001-EP TI-TPS7A3001-EP_15 Datasheet
884Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
logo
Analog Devices
LT3094 AD-LT3094 Datasheet
2Mb / 34P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Texas Instruments
TPS7A3001-EP TI1-TPS7A3001-EP Datasheet
981Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Linear Technology
LT3042 LINER-LT3042_15 Datasheet
900Kb / 30P
   20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
logo
Texas Instruments
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com