Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A3401DGNR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A3401DGNR
Description  -20-V, -200-mA, Low-Noise NEGATIVE VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7A3401DGNR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS7A3401DGNR Datasheet HTML 2Page - Texas Instruments TPS7A3401DGNR Datasheet HTML 3Page - Texas Instruments TPS7A3401DGNR Datasheet HTML 4Page - Texas Instruments TPS7A3401DGNR Datasheet HTML 5Page - Texas Instruments TPS7A3401DGNR Datasheet HTML 6Page - Texas Instruments TPS7A3401DGNR Datasheet HTML 7Page - Texas Instruments TPS7A3401DGNR Datasheet HTML 8Page - Texas Instruments TPS7A3401DGNR Datasheet HTML 9Page - Texas Instruments TPS7A3401DGNR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
-25
V
(V)
IN
0
-15
-10
-5
-20
-1.165
-1.17
-1.175
-1.18
-1.185
+105 C
°
+85 C
°
+25 C
°
-
°
40 C
+125 C
°
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
125
100
90
80
70
60
50
40
30
20
10
0
-25
V
(V)
IN
0
-20
-15
-10
-5
2500
2000
1500
1000
500
0
T =+25°C
J
10mA
50mA
100mA
200mA
0mA
1200
1000
800
600
400
200
0
-25
V
(V)
IN
0
-10
-5
I
=100mA
OUT
+105°C
+85°C
+25°C
-
°
40
C
+125°C
-20
-15
2500
2000
1500
1000
500
0
0
I
(mA)
OUT
200
+105 C
°
+85 C
°
+25 C
°
-
°
40 C
+125 C
°
20
40
60
80
100
120
140
160
180
-35
V
(V)
EN
35
1000
800
600
400
200
0
200
400
600
800
1000
-
-
-
-
-
-25
-15
-5
5
15
25
+25 C
°
-
°
40 C
+125 C
°
TPS7A3401
SBVS163
– JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS
At TJ = –40°C to +125°C, |VIN| = |VOUT(NOM)| + 1.0 V or |VIN| = 3.0 V (whichever is greater), VEN = VIN, IOUT = 1 mA,
CIN = 2.2 μF, COUT = 2.2 μF, and the FB pin tied to OUT, unless otherwise noted.
FEEDBACK VOLTAGE vs INPUT VOLTAGE
FEEDBACK CURRENT vs TEMPERATURE
Figure 1.
Figure 2.
GROUND CURRENT vs INPUT VOLTAGE
GROUND CURRENT vs INPUT VOLTAGE
Figure 3.
Figure 4.
GROUND CURRENT vs OUTPUT CURRENT
ENABLE CURRENT vs ENABLE VOLTAGE
Figure 5.
Figure 6.
6
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TPS7A3401DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3401 TI-TPS7A3401_15 Datasheet
997Kb / 27P
[Old version datasheet]   TPS7A3401 ??0-V, ??00-mA, Low-Noise Negative Voltage Regulator
More results

Similar Description - TPS7A3401DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3401 TI-TPS7A3401_15 Datasheet
997Kb / 27P
[Old version datasheet]   TPS7A3401 ??0-V, ??00-mA, Low-Noise Negative Voltage Regulator
logo
ABLIC Inc.
S-1324 ABLIC-S-1324 Datasheet
870Kb / 46P
   5.5 V INPUT, 200 mA, LOW NOISE VOLTAGE REGULATOR
Rev.1.0_01
logo
Analog Devices
ADP7112 AD-ADP7112 Datasheet
584Kb / 21P
   20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. D
ADP7118 AD-ADP7118 Datasheet
915Kb / 24P
   20 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
logo
Unisonic Technologies
LR1122B UTC-LR1122B_10 Datasheet
233Kb / 11P
   LOW NOISE 200 mA LDO REGULATOR
logo
Analog Devices
ADP320 AD-ADP320 Datasheet
716Kb / 20P
   Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
REV. 0
ADP220 AD-ADP220 Datasheet
586Kb / 20P
   Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
Rev. H
ADP322 AD-ADP322 Datasheet
841Kb / 24P
   Triple, 200 mA, Low Noise, High PSRR Voltage Regulator
Rev. E
logo
NXP Semiconductors
LD6806 PHILIPS-LD6806 Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
logo
Analog Devices
ADP7142 AD-ADP7142 Datasheet
1Mb / 23P
   40 V, 200 mA, Low Noise, CMOS LDO Linear Regulator
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com