Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5USBA224 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS5USBA224
Description  USB 2.0 High-Speed (480 Mbps) and Audio Switches with Negative Signal Capability and 1.8-V Logic Compatibility
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5USBA224 Datasheet(HTML) 5 Page - Texas Instruments

  TS5USBA224 Datasheet HTML 1Page - Texas Instruments TS5USBA224 Datasheet HTML 2Page - Texas Instruments TS5USBA224 Datasheet HTML 3Page - Texas Instruments TS5USBA224 Datasheet HTML 4Page - Texas Instruments TS5USBA224 Datasheet HTML 5Page - Texas Instruments TS5USBA224 Datasheet HTML 6Page - Texas Instruments TS5USBA224 Datasheet HTML 7Page - Texas Instruments TS5USBA224 Datasheet HTML 8Page - Texas Instruments TS5USBA224 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TS5USBA224
www.ti.com
SCDS306 – OCTOBER 2010
ABSOLUTE MAXIMUM RATINGS
(1) (2)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VAUDIO
Supply voltage range(3)
–0.5
6.5
V
VD+
–0.5
6.5
V
VD–
Analog voltage Range(3)
VR
VAUDIO – 6.5
VAUDIO + 0.5
V
VL
IK
Analog port diode current
VD+, VD– < 0
–50
mA
ID+, ID–
VD+, VD– = 0 to VAUDIO,
ON-state switch current
–100
100
mA
IR, IL
VR, VL VD+/R, VD–/L = VAUDIO – 5.5 V to VAUDIO
ID+/R
ON-state peak switch current(4)
–200
200
ID–/L
VI
Digital input voltage range
–0.5
6.5
V
IIK
Digital logic input clamp current(3)
VI < 0
–50
mA
IAUDIO
Continuous current through VAUDIO
100
mA
IGND
Continuous current through GND
–100
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum.
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
Pulse at 1-ms duration <10% duty cycle.
PACKAGE THERMAL IMPEDANCE
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
qJA
Package thermal impedance
RSW package
175
°C/W
(1)
The package thermal impedance is calculated in accordance with JESD 51-7.
ELECTRICAL CHARACTERISTICS
TA = –40°C to 85°C, typical values are at VAUDIO = 3.3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
USB SWITCH
VD+,VD–
Analog voltage range
0
5.5
V
ron
ON-state resistance
VAUDIO = 3 V, VBUS = 5 V, VASEL = 0 V,
Switch ON
4
7
VD+/D– = 0 V, 0.4 V, ION = –8 mA
Δron
ON-state resistance match
VAUDIO = 3 V, VBUS = 5 V, VASEL = 0 V,
Switch ON
0.3
between channels
VD+/D– = 0 V, 0.4 V, ION = –8 mA
ID+(OFF)
D+ ,D-
VAUDIO = 3.6 V, VBUS = 0 V, VASEL = 3.6
Switch OFF
±50
nA
V,
ID–(OFF)
OFF leakage current
VD+ ,VD– = 0.3 V, VD+/R ,VD–/L = 0.3 V
ID+(ON)
D+ ,D–
VAUDIO = 3.6 V, VBUS = 5 V, VASEL = 0
Switch ON
±50
nA
V,
ID–(ON)
ON leakage current
VD+ ,VD– = 0.3 V, VD+/R = Open
AUDIO SWITCH
VR,VL
Analog voltage range
VAUDIO
VAUDIO
V
– 5.5
ron
ON-state resistance
VAUDIO = 3 V, VBUS = 0 V, VASEL = 3 V,
Switch ON
3
5
VL/R = –2 V, 0 V, 0.7 V, ION = –26 mA
Δron
ON-state resistance match
VAUDIO = 3 V, VBUS = 0 V, VASEL = 3 V,
Switch ON
0.3
between channels
VL/R = 0.7 V, ION = –26 mA
ron (flat)
ON-state resistance flatness
VAUDIO = 3 V, VBUS = 0 V, VASEL = 3 V,
Switch ON
1.5
2.5
VL/R = –2 V, 0 V, 0.7 V, ION = –26 mA
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS5USBA224


Similar Part No. - TS5USBA224

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5USBC400 TI1-TS5USBC400 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400I TI1-TS5USBC400I Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400IYFPR TI1-TS5USBC400IYFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400IYFPT TI1-TS5USBC400IYFPT Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
TS5USBC400YFPR TI1-TS5USBC400YFPR Datasheet
1Mb / 29P
[Old version datasheet]   Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
More results

Similar Description - TS5USBA224

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB223 PERICOM-PI3USB223 Datasheet
942Kb / 10P
   USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX14508E MAXIM-MAX14508E Datasheet
1Mb / 14P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability
19-4136; Rev 3; 11/17
MAX14531E MAXIM-MAX14531E Datasheet
71Kb / 5P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability and 짹15kV ESD
Rev 0; 4/09
logo
Fairchild Semiconductor
FSA801 FAIRCHILD-FSA801 Datasheet
581Kb / 12P
   USB2.0 High-Speed (480 Mbps), UART, and Audio Switch with Negative Signal Capability
logo
Toshiba Semiconductor
TCUA231WBG TOSHIBA-TCUA231WBG Datasheet
220Kb / 11P
   USB 2.0 High-Speed, UART, and Audio Switch with Negative Signal Capability
logo
ON Semiconductor
NCN1154 ONSEMI-NCN1154_11 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
May, 2011 ??Rev. 3
NCN1154 ONSEMI-NCN1154_15 Datasheet
377Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
April, 2015 ??Rev. 5
NCN1154 ONSEMI-NCN1154_12 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
June, 2011 ??Rev. 4
logo
Maxim Integrated Produc...
MAX14585 MAXIM-MAX14585 Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
logo
ON Semiconductor
NS5S1153 ONSEMI-NS5S1153_16 Datasheet
162Kb / 9P
   USB 2.0 High Speed and Audio Switch with Negative Swing Capability
August, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com