Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS02326 Datasheet(PDF) 9 Page - Texas Instruments

Part # TXS02326
Description  DUAL-SUPPLY 2:1 SIM CARD MULTIPLEXER/TRANSLATOR WITH AUTOMATIC DETECTION AND SLOT DEDICATED DUAL LDO
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS02326 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TXS02326 Datasheet HTML 5Page - Texas Instruments TXS02326 Datasheet HTML 6Page - Texas Instruments TXS02326 Datasheet HTML 7Page - Texas Instruments TXS02326 Datasheet HTML 8Page - Texas Instruments TXS02326 Datasheet HTML 9Page - Texas Instruments TXS02326 Datasheet HTML 10Page - Texas Instruments TXS02326 Datasheet HTML 11Page - Texas Instruments TXS02326 Datasheet HTML 12Page - Texas Instruments TXS02326 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Slave Address
0
1
1
1
1
0
IRQ
R/W
TXS02326
www.ti.com
SCES795B – SEPTEMBER 2010 – REVISED NOVEMBER 2010
BASIC DEVICE OPERATION
The TXS02326 is controlled through a standard I2C interface reference to VDDIO. It is connected between the
two SIM card slots and the SIM/UICC interface of the baseband. The device uses VBAT and VDDI/O as supply
voltages. The supply voltage for each SIM card is generated by an on-chip low drop out regulator. The interface
between the baseband and the TXS02326 is reference to VDDIO while the interface between the TXS02326 and
the SIM card is referenced to the LDO output of either VSIM1 or VSIM2 depending on which slot is being
selected. The VDDIO on the baseband side normally does not exceed 1.8V, thus voltage level shifting is needed
to support a 3V SIM/UICC interface (Class B).
The TXS02326 has two basic states, the reset and operation state. The baseband utilizes information in the
status registers to determine how to manipulate the control registers to properly switch between two SIM cards.
These fundamental sequences are outlined below and are to help the user to successfully incorporate this device
into the system.
DEVICE ADDRESS
The address of the device is shown below:
Address Reference
IRQ@ Reset
R/W
Slave Address
0
0 (W)
120 (decimal), 78(h)
0
1 (R)
121 (decimal), 79(h)
1
0 (W)
122 (decimal), 7A(h)
1
1 (R)
123 (decimal), 7B(h)
RESET STATE
In the reset state the device settings are brought back to their default values and any SIM card that has been
active is deactivated. After reset, neither of the UICC/SIM interfaces is selected. The active pull-downs at the
UICC/SIM interface are automatically activated. To ensure the system powers up in an operational state, device
uses an internal 32 KHz clock for internal timing generation. After power up, the system has the option to
continue to utilize the internal clock or select an external clock source. This clock source is selectable by the
Clock Source Select I2C register bit.
Power up the TXS02326 by asserting VBAT to enter the operation state
I2C Interface becomes active with the VDD_I/O supply
RESET summary:
Any pending interrupts are cleared
I2C registers are in the default state
BSI and SDN counter value in the registers are set to four clock cycles or “0000 0100”
Both on chip regulators are set to 1.8V and disabled
All SIM1 and SIM2 signals are pulled to GND
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TXS02326


Similar Part No. - TXS02326

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS02326A TI1-TXS02326A Datasheet
846Kb / 34P
[Old version datasheet]   DUAL-SUPPLY 2:1 SIM CARD MULTIPLEXER/TRANSLATOR
TXS02326AMRGER TI1-TXS02326AMRGER Datasheet
846Kb / 34P
[Old version datasheet]   DUAL-SUPPLY 2:1 SIM CARD MULTIPLEXER/TRANSLATOR
More results

Similar Description - TXS02326

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS02324 TI1-TXS02324 Datasheet
608Kb / 25P
[Old version datasheet]   Dual-Supply 2:1 SIM Card Multiplexer/Translator With Slot Dedicated Dual LDO
FEBRUARY2011
TXS4558 TI1-TXS4558 Datasheet
755Kb / 18P
[Old version datasheet]   Dual-SIM Card Power Supply with Level Translator and Dedicated Dual LDO
TXS02326A TI1-TXS02326A Datasheet
846Kb / 34P
[Old version datasheet]   DUAL-SUPPLY 2:1 SIM CARD MULTIPLEXER/TRANSLATOR
logo
NXP Semiconductors
NVT4555 NXP-NVT4555 Datasheet
578Kb / 18P
   SIM card interface level translator and supply voltage LDO
Rev. 2 ??24 May 2013
NVT4555 NXP-NVT4555_V01 Datasheet
304Kb / 19P
   SIM card interface level translator and supply voltage LDO
Rev. 2.1 - 7 November 2022
logo
Fairchild Semiconductor
FXLA2203 FAIRCHILD-FXLA2203 Datasheet
737Kb / 16P
   Dual-Mode, Dual-SIM-Card Level Translator
logo
ON Semiconductor
FXLA2203 ONSEMI-FXLA2203 Datasheet
1Mb / 18P
   Dual-Mode, Dual-SIM-Card Level Translator
August 2012 Rev. 1.0.5
logo
Linear Technology
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com