Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS4555RUTR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TXS4555RUTR
Description  1.8V/3V SIM Card Power Supply With Level Translator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS4555RUTR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TXS4555RUTR Datasheet HTML 6Page - Texas Instruments TXS4555RUTR Datasheet HTML 7Page - Texas Instruments TXS4555RUTR Datasheet HTML 8Page - Texas Instruments TXS4555RUTR Datasheet HTML 9Page - Texas Instruments TXS4555RUTR Datasheet HTML 10Page - Texas Instruments TXS4555RUTR Datasheet HTML 11Page - Texas Instruments TXS4555RUTR Datasheet HTML 12Page - Texas Instruments TXS4555RUTR Datasheet HTML 13Page - Texas Instruments TXS4555RUTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TXS4555
SBOS550A
– FEBRUARY 2011 – REVISED MARCH 2011
www.ti.com
TRANSIENT RESPONSE
As with any regulator, increasing the size of the output capacitor reduces over/undershoot magnitude but
increases duration of the transient response.
MINIMUM LOAD
The TXS4555 is stable and well-behaved with no output load. Traditional PMOS LDO regulators suffer from
lower loop gain at very light output loads. The TXS4555 employs an innovative low-current mode circuit to
increase loop gain under very light or no-load conditions, resulting in improved output voltage regulation
performance down to zero output current.
THERMAL INFORMATION
Thermal Protection
Thermal protection disables the output when the junction temperature rises to approximately +160
°C, allowing
the device to cool. When the junction temperature cools to approximately +140
°C the output circuitry is again
enabled. Depending on power dissipation, thermal resistance, and ambient temperature, the thermal protection
circuit may cycle on and off. This cycling limits the dissipation of the regulator, protecting it from damage
because of overheating.
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heat sink. For reliable operation, junction temperature should be limited to +125
°C maximum. To estimate the
margin of safety in a complete design (including heat sink), increase the ambient temperature until the thermal
protection is triggered; use worst-case loads and signal conditions. For good reliability, thermal protection should
trigger at least +35
°C above the maximum expected ambient condition of your particular application. This
configuration produces a worst-case junction temperature of +125
°C at the highest expected ambient
temperature and worst-case load.
The internal protection circuitry of the TXS4555 has been designed to protect against overload conditions. It was
not intended to replace proper heat sinking. Continuously running the TXS4555 into thermal shutdown will
degrade device reliability.
10
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TXS4555RUTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS4555RUTR TI1-TXS4555RUTR Datasheet
579Kb / 16P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
More results

Similar Description - TXS4555RUTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS4555 TI1-TXS4555 Datasheet
579Kb / 16P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
logo
ON Semiconductor
NCN4555 ONSEMI-NCN4555_10 Datasheet
145Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
October, 2010 ??Rev. 3
NCN4555 ONSEMI-NCN4555 Datasheet
102Kb / 12P
   1.8V / 3V SIM Card Power Supply and Level Shifter
March, 2006 ??Rev. 1
logo
Linear Technology
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555_15 Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1556 LINER-LTC1556_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555 Datasheet
255Kb / 12P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com