Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR751 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MR751
Description  6 Amp Rectifier 50 - 1000 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MR751 Datasheet(HTML) 2 Page - Micro Commercial Components

  MR751 Datasheet HTML 1Page - Micro Commercial Components MR751 Datasheet HTML 2Page - Micro Commercial Components MR751 Datasheet HTML 3Page - Micro Commercial Components MR751 Datasheet HTML 4Page - Micro Commercial Components MR751 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MR750
thru
MR7510
6 Amp Rectifier
50 - 1000 Volts
Features
Low Cost
Low Forward Voltage Drop
High Current Capability
High Surge Current Capability
Low Leakage
Maximum Ratings
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
Maximum Thermal Resistance; 10 °C/W Junction To Ambient
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
50V
35V
50V
MR751
100V
70V
100V
MR752
200V
140V
200V
MR754
400V
280V
400V
MR756
600V
420V
600V
MR758
800V
560V
800V
MR7510
1000V
700V
1000V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
6.0A
TA = 60°C
Peak Forward Surge
Current
IFSM
400A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
0.9V
IFM = 6.0A;
TJ = 25°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
25µA
1.0mA
TJ = 25°C
TJ = 100°C
*Pulse test: Pulse width 300 µsec, Duty cycle 1%
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.332
.342
8.43
8.69
B
.234
.246
5.94
6.25
C
.050
.053
1.27
1.35
D
.990
1.010
25.15
25.65
2PL
LEADED BUTTON
LEADED BUTTON
LEADED BUTTON
LEADED BUTTON
A
D
B
C
1.25V
IFM = 100A;
TJ = 25°C
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision: 6
2006/08/09
TM
Micro Commercial Components
Note 1
Note 1 : Different colors of cathode band on body denote the voltage rate.
Green
Red
White
Orange
Brown
Silver
Blue
MR750
www.mccsemi.com
1 of 4


Similar Part No. - MR751

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MR751 MOTOROLA-MR751 Datasheet
188Kb / 6P
   HIGH CURRENT LEAD MOUNTED SILICON RECTIFIERS 50-1000 VOLTS DIFFUSED JUNCTION
logo
Micro Commercial Compon...
MR751 MCC-MR751 Datasheet
90Kb / 3P
   6 Amp Rectifier 50 - 1000 Volts
logo
ON Semiconductor
MR751 ONSEMI-MR751 Datasheet
96Kb / 7P
   High Current Lead Mounted Rectifiers
March, 2007 ??Rev. 6
logo
Won-Top Electronics
MR751 WTE-MR751 Datasheet
43Kb / 4P
   6.0A STANDARD DIODE
logo
DIOTEC Electronics Corp...
MR751 DEC-MR751 Datasheet
82Kb / 1P
   25 AMP LEAD MOUNT BUTTON DIODES
More results

Similar Description - MR751

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
6A05 MCC-6A05 Datasheet
82Kb / 3P
   6 Amp Rectifier 50 - 1000 Volts
logo
Micro Analog systems
6A4-TP MAS-6A4-TP Datasheet
269Kb / 4P
   6 Amp Rectifier 50 - 1000 Volts
logo
Micro Commercial Compon...
MR750 MCC-MR750 Datasheet
90Kb / 3P
   6 Amp Rectifier 50 - 1000 Volts
6A05 MCC-6A05_11 Datasheet
243Kb / 4P
   6 Amp Rectifier 50 - 1000 Volts
6A05 MCC-6A05_13 Datasheet
273Kb / 4P
   6 Amp Rectifier 50 - 1000 Volts
DR750 MCC-DR750 Datasheet
85Kb / 3P
   Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
DR750 MCC-DR750_11 Datasheet
497Kb / 4P
   6 Amp Glass Passivated Rectifier 50 - 1000 Volts
S6A MCC-S6A_08 Datasheet
191Kb / 5P
   6 Amp Silicon Rectifier 50 to 1000 Volts
S6A MCC-S6A Datasheet
346Kb / 3P
   6 Amp Silicon Rectifier 50 to 1000 Volts
DR750 MCC-DR750_13 Datasheet
522Kb / 4P
   Passivated Rectifier 50 - 1000 Volts 6 Amp Glass
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com