Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MUR105GP Datasheet(PDF) 3 Page - Micro Commercial Components

Part # MUR105GP
Description  1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MUR105GP Datasheet(HTML) 3 Page - Micro Commercial Components

  MUR105GP Datasheet HTML 1Page - Micro Commercial Components MUR105GP Datasheet HTML 2Page - Micro Commercial Components MUR105GP Datasheet HTML 3Page - Micro Commercial Components MUR105GP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
trr
+0.5A
0
-0.25
-1.0
1cm
Set Time Base for 20/100ns/cm
25Vdc
1
50
10
Oscilloscope
Note 1
Pulse
Generator
Note 2
Notes:
1. Rise Time = 7ns max.
Input impedance = 1 megohm, 22pF
2. Rise Time = 10ns max.
Source impedance = 50 ohms
3. Resistors are non-inductive
Figure 6
Reverse Recovery Time Characteristic And Test Circuit Diagram
1
100
4
0
10
8
Figure 5
Peak Forward Surge Current
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
20
30
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperes versus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
4
6
20
10
µAmps
2
120
4
60
80
100
.01
.02
.04
.06
.1
.2
.4
.6
1
2
TA=25
°C
40
60
100
140
TA=100
°C
TA=150
°C
MUR105GP thru MUR160GP
MCC
TM
Micro Commercial Components
www.mccsemi.com
3 of 4
Revision: A
2011/01/01


Similar Part No. - MUR105GP

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
MUR105GP CHENYI-MUR105GP Datasheet
58Kb / 3P
   1.0Amp glass passivated super fast recovery rectifier 50to600 volts
logo
Micro Commercial Compon...
MUR105GP MCC-MUR105GP Datasheet
406Kb / 4P
   1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
MUR105GP MCC-MUR105GP_13 Datasheet
406Kb / 4P
   1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
More results

Similar Description - MUR105GP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR105GP MCC-MUR105GP_13 Datasheet
406Kb / 4P
   1.0 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
DLSF11 MCC-DLSF11 Datasheet
86Kb / 3P
   1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
DLSF11 MCC-DLSF11_11 Datasheet
252Kb / 4P
   1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
SF11M MCC-SF11M Datasheet
257Kb / 4P
   1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
MUR1605F MCC-MUR1605F Datasheet
538Kb / 3P
   16 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
DONGGUAN YOU FENG WEI E...
SF11-DO41 YFWDIODE-SF11-DO41 Datasheet
390Kb / 3P
   50 to 600 Volts 1.0 Amp Super Fast Rectifier
logo
Micro Commercial Compon...
MUR1505 MCC-MUR1505 Datasheet
233Kb / 2P
   15 AMP SUPER FAST GLASS PASSIVATED RECTIFIER 50 TO 600 VOLTS
DL4933 MCC-DL4933_11 Datasheet
300Kb / 4P
   1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
DL4933 MCC-DL4933 Datasheet
90Kb / 3P
   1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
MURH805CT MCC-MURH805CT Datasheet
150Kb / 2P
   8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com