Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF351 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # PF351
Description  35Amp Fast Recover Rectifier 50 to 600 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

PF351 Datasheet(HTML) 1 Page - Micro Commercial Components

  PF351_05 Datasheet HTML 1Page - Micro Commercial Components PF351_05 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PF351
THRU
PF355
35Amp Fast Recover
Rectifier
Features
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
PF351
---
50V
35V
50V
PF352
---
100V
70V
100V
PF353
---
200V
140V
200V
PF354
---
400V
280V
400V
PF355
---
600V
420V
600V
Electrical Characteristics @ 25°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
35A
TA = 125
°C
Peak Forward Surge
Current
IFSM
600A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 35A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
500
µA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
100pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
www.mccsemi.com
Low Cost
Low Leakage
Low Forward Voltage Drop
High Current Capability
For Automotive Applications
50 to 600 Volts
PRESSFIT
PRESSFIT
PRESSFIT
PRESSFIT
 omponents
20736 Marilla Street Chatsworth

 !"#
$%   !"#
MCC
Revision: 6
2005/03/11
A
A
E
E
D
D
F
F
B
B
C
C
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
¼
B
C
0.621
0.505
0.501
15.97
15.77
12.73
5.70
12.82
0.629
5.90
D
0.224
0.232
0.378
0.390
9.90
9.60
-----
28.00
E
1.
32
1.2
2
F
1.102
-----
0.0
48
0.05
2
Standard polarity : Case is Cathode ; Lead is Anode
Note for positive terminal part number is as shown: PF351P
For negative terminal add an "N" to the suffix of the part
number . i.e. PF351N
TM
Micro Commercial Components


Similar Part No. - PF351_05

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
PF3510 WTE-PF3510 Datasheet
23Kb / 2P
   35A 1/2 PRESS-FIT DIODE
More results

Similar Description - PF351_05

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PF351 MCC-PF351 Datasheet
89Kb / 2P
   35Amp Fast Recover Rectifier 50 to 1000 Volts
RA351 MCC-RA351 Datasheet
92Kb / 2P
   35Amp Recover Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
PF351 CHENYI-PF351 Datasheet
326Kb / 2P
   35Amp fast recover rectifier 50to100 volts
logo
Micro Commercial Compon...
SRA351 MCC-SRA351 Datasheet
203Kb / 3P
   35Amp Standard Rectifier 50 to 1000 Volts
PF501N MCC-PF501N Datasheet
99Kb / 2P
   50Amp Fast Recover Rectifier 50 to 1000 Volts
PF251 MCC-PF251 Datasheet
89Kb / 2P
   25Amp Fast Recover Rectifier 50 to 1000 Volts
RA351 MCC-RA351_08 Datasheet
129Kb / 3P
   35Amp Standard Rectifier 50 to 1000 Volts
RA351GP MCC-RA351GP Datasheet
114Kb / 2P
   35Amp Glass Passivated Rectifier 50 to 1000 Volts
SRA351GP MCC-SRA351GP Datasheet
203Kb / 3P
   35Amp Glass Passivated Rectifier 50 to 1000 Volts
RA351GP MCC-RA351GP_08 Datasheet
103Kb / 3P
   35Amp Glass Passivated Rectifier 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com