Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF502 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # PF502
Description  50Amp Standard Recovery Rectifier 50 to 600 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

PF502 Datasheet(HTML) 1 Page - Micro Commercial Components

  PF502 Datasheet HTML 1Page - Micro Commercial Components PF502 Datasheet HTML 2Page - Micro Commercial Components PF502 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PF501
thru
PF505
50Amp Standard
Recovery Rectifier
Features
Maximum Ratings
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
PF501
---
50V
35V
50V
PF502
---
100V
70V
100V
PF503
---
200V
140V
200V
PF504
---
400V
280V
400V
PF505
---
600V
420V
600V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
50A
TA = 125
°C
Peak Forward Surge
Current
IFSM
650A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.0V
IFM = 50A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
500
µA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
CJ
150pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
          
MCC
Low Cost
Low Leakage
Low Forward Voltage Drop
High Current Capability
For Automotive Applications
50 to 600 Volts
PRESSFIT
PRESSFIT
PRESSFIT
PRESSFIT
Standard polarity : Case is Cathode ; Lead is Anode
Note for positive terminal part number is as shown PF501
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
For negative terminal add an "N" to the suffix of the part
number . i.e. PF501N
Revision: 7
2007/07/30
A
E
D
F
B
C
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
B
C
0.621
0.505
0.501
15.97
15.77
12.73
5.70
12.82
0.629
5.90
D
0.224
0.232
0.378
0.390
9.90
9.60
-----
28.00
E
1.32
1.22
F
1.102
-----
0.048
0.052
TM
Micro Commercial Components
www.mccsemi.com
1 of 3


Similar Part No. - PF502

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PF502 MCC-PF502 Datasheet
96Kb / 2P
   50Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
PF502 CHENYI-PF502 Datasheet
336Kb / 2P
   50Amp standard recovery rectifier 50to1000 volts
logo
Won-Top Electronics
PF5020 WTE-PF5020 Datasheet
29Kb / 2P
   50A AVALANCHE 1/2 PRESS-FIT DIODE
PF5020 WTE-PF5020 Datasheet
32Kb / 2P
   50A AVALANCHE 1/2??PRESS-FIT DIODE
logo
NXP Semiconductors
PF5020 NXP-PF5020 Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
More results

Similar Description - PF502

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PF501L MCC-PF501L Datasheet
96Kb / 2P
   50Amp Standard Recovery Rectifier 50 to 1000 Volts
PF501L MCC-PF501L_08 Datasheet
137Kb / 3P
   50Amp Standard Recovery Rectifier 50 to 800 Volts
PF501 MCC-PF501 Datasheet
96Kb / 2P
   50Amp Standard Recovery Rectifier 50 to 1000 Volts
SRA501 MCC-SRA501_11 Datasheet
203Kb / 3P
   50Amp Standard Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
PF501 CHENYI-PF501 Datasheet
336Kb / 2P
   50Amp standard recovery rectifier 50to1000 volts
logo
Micro Commercial Compon...
SRA501 MCC-SRA501 Datasheet
115Kb / 2P
   50Amp Recover Rectifier 50 to 1000 Volts
PF501N MCC-PF501N Datasheet
99Kb / 2P
   50Amp Fast Recover Rectifier 50 to 1000 Volts
SRA501GP MCC-SRA501GP Datasheet
216Kb / 3P
   50Amp Glass Passivated Rectifier 50 to 1000 Volts
S10A MCC-S10A Datasheet
648Kb / 2P
   10.0 Amp Standard Recovery Rectifier 50 to 1000 Volts
GL34D-TP MCC-GL34D-TP Datasheet
98Kb / 3P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com