Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3S2AA-AU Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATSAM3S2AA-AU
Description  ARM-based Flash MCU
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM3S2AA-AU Datasheet(HTML) 5 Page - ATMEL Corporation

  ATSAM3S2AA-AU Datasheet HTML 1Page - ATMEL Corporation ATSAM3S2AA-AU Datasheet HTML 2Page - ATMEL Corporation ATSAM3S2AA-AU Datasheet HTML 3Page - ATMEL Corporation ATSAM3S2AA-AU Datasheet HTML 4Page - ATMEL Corporation ATSAM3S2AA-AU Datasheet HTML 5Page - ATMEL Corporation ATSAM3S2AA-AU Datasheet HTML 6Page - ATMEL Corporation ATSAM3S2AA-AU Datasheet HTML 7Page - ATMEL Corporation ATSAM3S2AA-AU Datasheet HTML 8Page - ATMEL Corporation ATSAM3S2AA-AU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
5
6500CS–ATARM–24-Jan-11
SAM3S Summary
Figure 2-3.
SAM3S 48-pin Version Block Diagram
I/D
S
Voltage
Regulator
SPI
TC[0..2]
ADVREF
TIOA[0:2]
TIOB[0:2]
TCLK[0:2]
PDC
TWI0
PDC
TWCK0
TWD0
PWM
PDC
TF
TK
TD
RD
RK
RF
DDP
DDM
MPU
N
V
I
C
TWI1
PDC
TWCK1
TWD1
PWMH[0:3]
PWML[0:3]
PWMFI0
PDC
UART0
UART1
URXD0
UTXD0
URXD1
UTXD1
SSC
Peripheral
Bridge
PDC
PDC
2668
Bytes
FIFO
USB 2.0
Full
Speed
PDC
RXD0
TXD0
USART0
SCK0
RTS0
CTS0
PLLA
System Controller
WDT
RTT
OSC32K
SUPC
RSTC
8 GPBREG
3-20 MHz
Osc.
POR
RTC
RC 32k
SM
RC
12/8/4 M
PLLB
PMC
PIOA / PIOB
JTAG & Serial Wire
Flash
Unique
Identifier
Analog
Comparator
CRC Unit
ADC
Temp Sensor
ADVREF
NPCS0
NPCS1
NPCS2
NPCS3
MISO
MOSI
SPCK
Cortex-M3 Processor
Fmax 64 MHz
Timer Counter A
ROM
16 KBytes
TST
XIN
XOUT
XIN32
XOUT32
ERASE
VDDIO
VDDCORE
VDDPLL
PCK0-PCK2
In-Circuit Emulator
24-Bit
SysTick Counter
FLASH
256 KBytes
128 KBytes
64 KBytes
SRAM
48 KBytes
32 KBytes
16 KBytes
AD[0..7]
ADTRG
4-layer AHB Bus Matrix Fmax 64 MHz
PDC
Temp. Sensor
ADC


Similar Part No. - ATSAM3S2AA-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3S2AA-AU ATMEL-ATSAM3S2AA-AU Datasheet
1Mb / 65P
   AT91 ARM Cortex M3-based Processor
More results

Similar Description - ATSAM3S2AA-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM ATMEL-AT91SAM Datasheet
638Kb / 67P
   ARM-based Flash MCU
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
   ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512 Datasheet
3Mb / 662P
   ARM-based Flash MCU
11-Feb-14
SAM7S128 ATMEL-SAM7S128_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM7S256 ATMEL-SAM7S256_14 Datasheet
4Mb / 775P
   ARM-based Flash MCU
SAM4N ATMEL-SAM4N_14 Datasheet
13Mb / 795P
   ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
SAM7X256 ATMEL-SAM7X256_14 Datasheet
2Mb / 662P
   ARM-based Flash MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com