Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF505 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # PF505
Description  50Amp Standard Recovery Rectifier 50 to 600 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

PF505 Datasheet(HTML) 2 Page - Micro Commercial Components

  PF505 Datasheet HTML 1Page - Micro Commercial Components PF505 Datasheet HTML 2Page - Micro Commercial Components PF505 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Instantaneous Forward Current - Amperes
versus
Instantaneous Forward Voltage - Volts
Figure 1
Typical Forward Characteristics
40
60
20
100
Amps
.4
.6
.8
1.0
1.2
1.4
.01
.02
.04
.06
.1
.2
.4
.6
10
20
25
°C
Volts
1
100
4
0
150
250
350
8
Figure 4
Peak Forward Surge Current
Peak Forward Surge Current - Amperes
versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
450
550
650
Average Forward Rectified Current - Amperes
versus
Ambient Temperature -
°C
Figure 2
Forward Derating Curve
0
175
50
75
100
125
0
10
20
30
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
40
50
60
Junction Capacitance - pF
versus
Reverse Voltage - Volts
Figure 3
Junction Capacitance
.1
.2
1
.4
2
10
20
40
4
100
200
10
20
60
100
200
1000
pF
Volts
600
400
40
400
1000
TJ=25
°C
MCC
PF501 thru PF505
Revision: 7
2007/07/30
TM
Micro Commercial Components
www.mccsemi.com
2 of 3


Similar Part No. - PF505

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PF505 MCC-PF505 Datasheet
96Kb / 2P
   50Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
PF505 CHENYI-PF505 Datasheet
336Kb / 2P
   50Amp standard recovery rectifier 50to1000 volts
logo
Micro Commercial Compon...
PF505L MCC-PF505L Datasheet
96Kb / 2P
   50Amp Standard Recovery Rectifier 50 to 1000 Volts
PF505L MCC-PF505L Datasheet
137Kb / 3P
   50Amp Standard Recovery Rectifier 50 to 800 Volts
PF505N MCC-PF505N Datasheet
99Kb / 2P
   50Amp Fast Recover Rectifier 50 to 1000 Volts
More results

Similar Description - PF505

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
PF501L MCC-PF501L Datasheet
96Kb / 2P
   50Amp Standard Recovery Rectifier 50 to 1000 Volts
PF501L MCC-PF501L_08 Datasheet
137Kb / 3P
   50Amp Standard Recovery Rectifier 50 to 800 Volts
PF501 MCC-PF501 Datasheet
96Kb / 2P
   50Amp Standard Recovery Rectifier 50 to 1000 Volts
SRA501 MCC-SRA501_11 Datasheet
203Kb / 3P
   50Amp Standard Rectifier 50 to 1000 Volts
logo
Shanghai Lunsure Electr...
PF501 CHENYI-PF501 Datasheet
336Kb / 2P
   50Amp standard recovery rectifier 50to1000 volts
logo
Micro Commercial Compon...
SRA501 MCC-SRA501 Datasheet
115Kb / 2P
   50Amp Recover Rectifier 50 to 1000 Volts
PF501N MCC-PF501N Datasheet
99Kb / 2P
   50Amp Fast Recover Rectifier 50 to 1000 Volts
SRA501GP MCC-SRA501GP Datasheet
216Kb / 3P
   50Amp Glass Passivated Rectifier 50 to 1000 Volts
S10A MCC-S10A Datasheet
648Kb / 2P
   10.0 Amp Standard Recovery Rectifier 50 to 1000 Volts
GL34D-TP MCC-GL34D-TP Datasheet
98Kb / 3P
   0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com