Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1H51A Datasheet(PDF) 1 Page - Sharp Corporation

Part # LT1H51A
Description  3.3X2.9mm, 1.1mm Thickness, Colored Diffusion Chip LED Devices
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT1H51A Datasheet(HTML) 1 Page - Sharp Corporation

  LT1H51A Datasheet HTML 1Page - Sharp Corporation LT1H51A Datasheet HTML 2Page - Sharp Corporation LT1H51A Datasheet HTML 3Page - Sharp Corporation LT1H51A Datasheet HTML 4Page - Sharp Corporation LT1H51A Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
98
LT1t51A series
Chip LED Device
LT1t51A series
s Outline Dimensions
(0.3)
(0.3)
(0.3)
(0.3)
3.3
0.9
1.5
0.9
Colored diffusion
(4-R0.2)
(R0.2)
Pin connections
Unspecified tolerance:
±0.2
1 Anode
2 Cathode
1
2
s Radiation Diagram
0
40
20
60
-20˚
+20˚
+40˚
+60˚
+80˚
-40˚
-60˚
-80˚
-30˚
-50˚
+10˚
-10˚
+30˚
+50˚
+70˚
+90˚
-90˚
-70˚
80
100
DC
Pulse
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*3
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
LT1T51A
LT1P51A
LT1D51A
LT1S51A
LT1H51A
LT1E51A
LT1K51A
GaAlAs on GaAs
GaP
GaAsP on GaP
GaAsP on GaP
GaAsP on GaP
GaP
GaP
66
23
85
85
50
50
50
30
10
30
30
20
20
20
50
50
50
50
50
50
50
0.40
0.13
0.40
0.40
0.27
0.27
0.27
0.67
0.67
0.67
0.67
0.67
0.67
0.67
5
5
5
5
5
5
5
350
350
350
350
350
350
350
Red(High-luminosity)
Red
Red
Sunset orange
Yellow
Yellow-green
Green
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +85
-25 to +100
-25 to +100
-25 to +85
-25 to +100
*1 Duty ratio=1/10, Pulse width=0.1ms
*2 For 3s or less at the temperature of hand soldering. Temperature of reflow soldering is shown on the below page.
s Absolute Maximum Ratings
TYP
MAX
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
LT1T51A
LT1P51A
LT1D51A
LT1S51A
LT1H51A
LT1E51A
LT1K51A
1.75
1.9
2.0
2.0
1.9
1.95
1.95
2.2
2.3
2.8
2.8
2.5
2.5
2.5
660
695
635
610
585
565
555
20
5
20
20
10
10
10
9.0
1.1
8.4
6.8
3.3
3.6
1.7
20
5
20
20
10
10
10
20
100
35
35
30
30
25
20
5
20
20
10
10
10
10
10
10
10
10
10
10
4
4
4
4
4
4
4
30
55
20
15
35
35
40
1
1
1
1
1
1
1
Colored
diffusion
s Electro-optical Characteristics
(Unit : mm)
(Ta=25˚C)
3.3!2.9mm, 1.1mm Thickness,
Colored Diffusion Chip LED
Devices
T type: Polarity faces in the opposite direction.


Similar Part No. - LT1H51A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT1H53A SHARP-LT1H53A Datasheet
89Kb / 4P
   3.3X2.9mm, 1.1mm Thickness,Milky Diffusion Chip LED Devices
More results

Similar Description - LT1H51A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT1P53A SHARP-LT1P53A Datasheet
89Kb / 4P
   3.3X2.9mm, 1.1mm Thickness,Milky Diffusion Chip LED Devices
LT1ET53A SHARP-LT1ET53A Datasheet
120Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, Milky Diffusion, Dichromatic Chip LED Devices
LT1U82A SHARP-LT1U82A Datasheet
108Kb / 5P
   3.3X2.9mm, 1.1mm Thickness, High-luminosity Chip LED Devices with Lens
LT1ET82A SHARP-LT1ET82A Datasheet
93Kb / 4P
   3.3X2.9mm, 1.1mm Thickness, High-luminosity, Dichromatic Chip LED Devices with Lens
logo
List of Unclassifed Man...
LT1D73 ETC-LT1D73 Datasheet
101Kb / 5P
   2.7551.45mm, 0.9mm Thickness, Compact Milky Diffusion Chip LED Devices
logo
Sharp Corporation
LT1T73A SHARP-LT1T73A Datasheet
101Kb / 5P
   2.7X51.45mm, 0.9mm Thickness, Compact Milky Diffusion Chip LED Devices
logo
Kingbright Corporation
AP1608SURC KINGBRIGHT-AP1608SURC Datasheet
108Kb / 4P
   1.6mmX0.8mm SMT LED, 1.1mm THICKNESS.
logo
KODENSHI_AUK CORP.
SO3517 KODENSHI-SO3517 Datasheet
259Kb / 3P
   Orange colored diffusion lens
logo
Everlight Electronics C...
G6C-AP1Q1B EVERLIGHT-G6C-AP1Q1B Datasheet
210Kb / 10P
   Chip LED(1.1mm Height)
logo
List of Unclassifed Man...
GL2HD6 ETC-GL2HD6 Datasheet
100Kb / 4P
   Convex Type, Colored Diffusion LED Lamps for Indicator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com