Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-E Datasheet(PDF) 4 Page - Cree, Inc

Part # MC-E
Description  Cree짰 XLamp짰 MC-E LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MC-E Datasheet(HTML) 4 Page - Cree, Inc

  MC-E Datasheet HTML 1Page - Cree, Inc MC-E Datasheet HTML 2Page - Cree, Inc MC-E Datasheet HTML 3Page - Cree, Inc MC-E Datasheet HTML 4Page - Cree, Inc MC-E Datasheet HTML 5Page - Cree, Inc MC-E Datasheet HTML 6Page - Cree, Inc MC-E Datasheet HTML 7Page - Cree, Inc MC-E Datasheet HTML 8Page - Cree, Inc MC-E Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Copyright © 2008-2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trade-
marks of Cree, Inc.
4
xlamp mC-e leds
characteristics - comPlete PackaGe
The following table lists the product characteristics for the XLamp mC-e LeD package.
characteristics
unit
minimum
typical
maximum
Thermal Resistance, junction to solder point - white
°C/w
3
Thermal Resistance, junction to solder point - color
°C/w
4
viewing angle (FwHm) - white
degrees
110
viewing angle (FwHm) - color
degrees
115
ESD Classification (HBM per Mil-Std-883D)
Class 2
LED Junction Temperature
°C
150
characteristics - Per led die (White, easyWhite, dynamic White)
The following table lists the product characteristics of each individual LeD die within the XLamp mC-e white LeD package.
characteristics
unit
minimum
typical
maximum
Temperature Coefficient of Voltage
mv/°C
-4
DC Forward Current
ma
700
Reverse voltage
v
5
Forward voltage (@ 350 ma)
v
3.2
3.9
Forward voltage (@ 700 ma)
v
3.4
characteristics - Per led die (color)
The following table lists the product characteristics for each LeD die within the XLamp mC-e Color LeD package.
characteristics
unit
red
Green
blue
White
Temperature Coefficient of Voltage
mv/°C
Typ.
-2
-4
-4
-4
DC Forward Current
ma
max.
700
700
700
700
Reverse voltage
v
max.
5
5
5
5
Forward voltage (@ 350 ma)
v
Typ.
2.1
3.4
3.2
3.2
max.
2.5
3.9
3.9
3.9
Forward voltage (@ 700 ma)
v
Typ.
2.3
3.7
3.5
3.5


Similar Part No. - MC-E

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MC-01B KEMET-MC-01B Datasheet
72Kb / 1P
   KEMET, MR, Current, Round - Toroidal, Zero Phase, High Sensitivity, Compact
7/05/2020
logo
Sumida Corporation
MC-100C SUMIDA-MC-100C Datasheet
112Kb / 1P
   General Power Transformer
MC-100U SUMIDA-MC-100U Datasheet
117Kb / 1P
   General Power Transformer
logo
Renesas Technology Corp
MC-10118B RENESAS-MC-10118B Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
MC-10118BF1-ENY-A RENESAS-MC-10118BF1-ENY-A Datasheet
3Mb / 66P
   MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
More results

Similar Description - MC-E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MLEAWT-A1-0000-000251 CREE-MLEAWT-A1-0000-000251 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-E LEDs
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS41 CREE-CLD-DS41_12 Datasheet
1Mb / 14P
   Cree짰 XLamp짰 XT-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com