Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTG-EZW Datasheet(PDF) 5 Page - Cree, Inc

Part # MTG-EZW
Description  Cree짰 XLamp짰 MT-G EasyWhite??LEDs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MTG-EZW Datasheet(HTML) 5 Page - Cree, Inc

  MTG-EZW Datasheet HTML 1Page - Cree, Inc MTG-EZW Datasheet HTML 2Page - Cree, Inc MTG-EZW Datasheet HTML 3Page - Cree, Inc MTG-EZW Datasheet HTML 4Page - Cree, Inc MTG-EZW Datasheet HTML 5Page - Cree, Inc MTG-EZW Datasheet HTML 6Page - Cree, Inc MTG-EZW Datasheet HTML 7Page - Cree, Inc MTG-EZW Datasheet HTML 8Page - Cree, Inc MTG-EZW Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
xlamp mT-G EasyWhiTE lEDs
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
5
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
and EasyWhite is a trademark of Cree, Inc.
5
relatiVe lumiNous fluX Vs curreNt (t
J = 85°c)
36V
0
100
200
300
400
500
600
700
31.00
32.00
33.00
34.00
35.00
36.00
37.00
38.00
Forward Voltage V
MT-G 36V
Relative Intensity vs. Current (Tsp = 85ºC)
0%
50%
100%
150%
200%
250%
300%
0
500
1000
1500
2000
2500
3000
3500
4000
Forward Current, Pulsed (mA)
MT-G 6V


Similar Part No. - MTG-EZW

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTG-06 ADAM-TECH-MTG-06 Datasheet
87Kb / 1P
   POWER LATCH CRIMP HOUSING
MTG-06-XX ADAM-TECH-MTG-06-XX Datasheet
77Kb / 1P
   POWER LATCH CRIMP HOUSING
MTG-06-XX-V0 ADAM-TECH-MTG-06-XX-V0 Datasheet
77Kb / 1P
   POWER LATCH CRIMP HOUSING
logo
List of Unclassifed Man...
MTG-12232C ETC1-MTG-12232C Datasheet
72Kb / 1P
   MTG-12232C
MTG-12232D ETC-MTG-12232D Datasheet
78Kb / 1P
   MTG-12232D
More results

Similar Description - MTG-EZW

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MP-L CREE-MP-L Datasheet
868Kb / 14P
   Cree짰 XLamp짰 MP-L EasyWhite??LEDs
XPGWHT-L1-0000-00E51 CREE-XPGWHT-L1-0000-00E51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 XP-G LEDs
XD16 CREE-XD16 Datasheet
2Mb / 29P
   Cree짰 XLamp짰 XD16 LEDs
XHP35.2 CREE-XHP35.2 Datasheet
2Mb / 26P
   Cree짰 XLamp짰 XHP35.2 LEDs
CLD-DS71 CREE-CLD-DS71 Datasheet
1Mb / 11P
   Cree짰 XLamp짰 XH-G LED
ML-E CREE-ML-E Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MX6AWT-A1-0000-000C51 CREE-MX6AWT-A1-0000-000C51 Datasheet
955Kb / 10P
   Cree짰 XLamp짰 MX-6 LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com