Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPEHEW-L1-0000-00EE4 Datasheet(PDF) 9 Page - Cree, Inc

Part # XPEHEW-L1-0000-00EE4
Description  Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEHEW-L1-0000-00EE4 Datasheet(HTML) 9 Page - Cree, Inc

Back Button XPEHEW-L1-0000-00EE4 Datasheet HTML 3Page - Cree, Inc XPEHEW-L1-0000-00EE4 Datasheet HTML 4Page - Cree, Inc XPEHEW-L1-0000-00EE4 Datasheet HTML 5Page - Cree, Inc XPEHEW-L1-0000-00EE4 Datasheet HTML 6Page - Cree, Inc XPEHEW-L1-0000-00EE4 Datasheet HTML 7Page - Cree, Inc XPEHEW-L1-0000-00EE4 Datasheet HTML 8Page - Cree, Inc XPEHEW-L1-0000-00EE4 Datasheet HTML 9Page - Cree, Inc XPEHEW-L1-0000-00EE4 Datasheet HTML 10Page - Cree, Inc XPEHEW-L1-0000-00EE4 Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
9
XLAMP XP-E HIGH-EFFICIENCY WHITE LEDS
9
MECHANICAL DIMENSIONS (T
A = 25°C)
All measurements are ±.13 mm unless otherwise indicated.
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUTTHE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
±
.5 °
.XXX ±
.25
.XX
±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX
±
.25
.XXX ±
.125
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH: 1.6
.98
.98
1.30
.65
.50
2.30
3.30
1.15
3.450
3.450
1.725 +/-.100
1.725 +/-.100
2.5
2.08
.83
.650
.50
.50
.40
1.30
3.30
3.30
1.15
.65
1.65
.50
1.20
.60
.60
3.20
1.60
3.20
.40
.40
.40
1
/
1
24.000
A
2610-00014
OUTLINE DRAWING XP HEW
--
--
--
--
--
--
11/29/10
D. CRONIN
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
RECOMMENDED PCB SOLDER PAD
RECOMMENDED STENCIL PATTERN
(HATCHED AREA IS OPENING)
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUTTHE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
±
.5 °
.XXX ±
.25
.XX
±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX
±
.25
.XXX ±
.125
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH: 1.6
.98
.98
1.30
.65
.50
2.30
3.30
1.15
3.450
3.450
1.725 +/-.100
1.725 +/-.100
2.5
2.08
.83
.650
.50
.50
.40
1.30
3.30
3.30
1.15
.65
1.65
.50
1.20
.60
.60
3.20
1.60
3.20
.40
.40
.40
1
/
1
24.000
A
2610-00014
OUTLINE DRAWING XP HEW
--
--
--
--
--
--
11/29/10
D. CRONIN
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
RECOMMENDED PCB SOLDER PAD
RECOMMENDED STENCIL PATTERN
(HATCHED AREA IS OPENING)
SIZE
TITLE
OF
REV.
SHEET
C
DRAWING NO.
DATE
DATE
DATE
CHECK
FINAL PROTECTIVE FINISH
MATERIAL
APPROVED
DRAWN BY
THIRD ANGLE PROJECTION
SCALE
A
B
C
D
1
2
3
4
5
6
6
5
4
3
2
1
A
B
C
D
Phone (919) 313-5300
Fax (919) 313-5558
4600 Silicon Drive
Durham, N.C 27703
UNAUTHORIZED PERSON WITHOUTTHE WRITTEN CONSENT
MAY NOT BE COPIED, REPRODUCED OR DISCLOSED TO ANY
CONFIDENTIAL INFORMATION OF CREE, INC. THIS PLOT
CONTAINED WITHIN ARE THE PROPRIETARY AND
CREE CONFIDENTIAL. THIS PLOT AND THE INFORMATION
OF CREE INC.
NOTICE
±
.5 °
.XXX ±
.25
.XX ±
.75
.X
±
1.5
FOR SHEET METAL PARTS ONLY
.XX ±
.25
.XXX ±
.125
±
.5 °
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN
MILLIMETERS AND AFTER FINISH.
TOLERANCE UNLESS SPECIFIED:
SURFACE FINISH: 1.6
1.30
.65
.50
2.30
3.30
1.15
3.450
3.450
2.36
.83
.650
R1.530
.50
.50
.40
1.30
3.30
3.30
1.15
.65
1.65
.50
1.20
.60
.60
3.20
1.60
3.20
.40
.40
.40
1
/
1
24.000
B
2610-00015
OUTLINE DRAWING XP HEW
--
--
--
--
--
--
3/8/11
D. CRONIN
REVISONS
REV
DESCRIPTION
BY
DATE
APP'D
B
REMOVED CHIP DIMENSIONS
DC
5/11/11
RECOMMENDED PCB SOLDER PAD
RECOMMENDED STENCIL PATTERN
(HATCHED AREA IS OPENING)


Similar Part No. - XPEHEW-L1-0000-00EE4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEHEW-L1-0000-00EE4 CREE-XPEHEW-L1-0000-00EE4 Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
More results

Similar Description - XPEHEW-L1-0000-00EE4

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-DS34 CREE-CLD-DS34 Datasheet
1Mb / 13P
   Cree짰 XLamp짰 XP-E High-Efficiency White LEDs
XP-E CREE-XP-E Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-E LEDs
CLD-DS18 CREE-CLD-DS18 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E LEDs
XPGWHT-L1-0000-00E51 CREE-XPGWHT-L1-0000-00E51 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 XP-G LEDs
XPBL CREE-XPBL Datasheet
2Mb / 38P
   Cree짰 XLamp짰 XP Family LEDs
XPE2 CREE-XPE2 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
CLD-AP22 CREE-CLD-AP22 Datasheet
3Mb / 45P
   Cree짰 XLamp짰 XP Family LEDs
CLD-DS56 CREE-CLD-DS56 Datasheet
1Mb / 17P
   Cree짰 XLamp짰 XP-E2 LEDs
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51 Datasheet
745Kb / 12P
   Cree짰 XLamp짰 XP-E2 LEDs
XP-C CREE-XP-C Datasheet
1Mb / 16P
   Cree짰 XLamp짰 XP-C LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com