Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBL005 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # GBL005
Description  Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBL005 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  GBL005 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBL005 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
UL Recognized File # E-326243
Glass passivated junction
Ideal for printed circuit board
High case dielectric strength
Typical IR less than 0.1uA
High surge current capability
Mechanical Data
GBLXX
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
GBL
005
GBL
01
GBL
02
GBL
04
GBL
06
GBL
08
GBL
10
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
I
2TA2S
Cj
pF
TJ
OC
TSTG
OC
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-202, Method 208
Maximum Average Forward Rectified Current
@TC=50℃
@TA=40℃
IF(AV)
Mounting position: Any
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Version:F11
Rating for fusing (t<8.3ms)
OC/W
High temperature soldering guaranteed:
260℃/ 10 seconds at 5lbs., (2.3kg) tension
4.0
3.0
A
93
95
40
Typical Thermal Resistance
Weight: 2.0 grams
Case: Molded plastic body
Type Number
- 55 to + 150
Operating Temperature Range
Storage Temperature Range
GBL005 - GBL10
Marking Diagram
GBL
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Dimensions in inches and (millimeters)
Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers
Features
Plastic material ha Underwriters Laboratory
Flammability Classification 94V-0
Notes 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Maximum DC Reverse Current
@TA=25℃
at Rated DC Block Voltage
@ TA=125 ℃
IR
Maximum Instantaneous Forward Voltage (Note 1)
@2.0A
@4.0A
uA
- 55 to + 150
RθjA
RθjL
RθjC
32
13
8
V
IFSM
150
A
Typical Junction Capabitance
5
500
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
VF
1.0
1.1
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - GBL005

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
GBL005 WTE-GBL005 Datasheet
40Kb / 3P
   4.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
GBL005 CHENG-YI-GBL005 Datasheet
149Kb / 2P
   SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
GBL005 BILIN-GBL005 Datasheet
135Kb / 3P
   Silicon Bridge Rectifiers
logo
Shanghai Lunsure Electr...
GBL005 CHENYI-GBL005 Datasheet
156Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Silicon Standard Corp.
GBL005 SSC-GBL005 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
More results

Similar Description - GBL005

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UR4KB60 TSC-UR4KB60 Datasheet
144Kb / 2P
   Single Phase 4.0Amps. Glass Passivated Bridge Rectifiers
KBL401G TSC-KBL401G_11 Datasheet
139Kb / 2P
   Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers
KBU401G TSC-KBU401G_12 Datasheet
189Kb / 2P
   Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBJ-KBJ4005 YANGJIE-GBJ-KBJ4005 Datasheet
287Kb / 2P
   SINGLE PHASE 4.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
GBL005 YANGJIE-GBL005 Datasheet
242Kb / 2P
   SINGLE PHASE 4.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBU401 TSC-GBU401_10 Datasheet
128Kb / 2P
   Single Phase 4.0AMPS. Glass Passivated Bridge Rectifiers
logo
Silicon Standard Corp.
GBL02 SSC-GBL02 Datasheet
305Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Continental Device Indi...
GBJ25005 CDIL-GBJ25005 Datasheet
225Kb / 3P
   GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
TS10KL60 TSC-TS10KL60_14 Datasheet
180Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
List of Unclassifed Man...
GBU2D ETC2-GBU2D Datasheet
146Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com