Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB0102DP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # NTB0102DP
Description  Dual supply translating transceiver; auto direction sensing ; 3-state
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTB0102DP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button NTB0102DP Datasheet HTML 4Page - NXP Semiconductors NTB0102DP Datasheet HTML 5Page - NXP Semiconductors NTB0102DP Datasheet HTML 6Page - NXP Semiconductors NTB0102DP Datasheet HTML 7Page - NXP Semiconductors NTB0102DP Datasheet HTML 8Page - NXP Semiconductors NTB0102DP Datasheet HTML 9Page - NXP Semiconductors NTB0102DP Datasheet HTML 10Page - NXP Semiconductors NTB0102DP Datasheet HTML 11Page - NXP Semiconductors NTB0102DP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
NTB0102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 28 April 2011
8 of 26
NXP Semiconductors
NTB0102
Dual supply translating transceiver; auto direction sensing; 3-state
[1]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
tt is the same as tTHL and tTLH
[2]
Delay between OE going LOW and when the outputs are actually disabled.
[3]
Skew between any two outputs of the same package switching in the same direction.
tsk(o)
output skew time
between channels
[3]
0.20.2
0.20.2
ns
tW
pulse width
data inputs
15
13
13
13
ns
fdata
data rate
70
80
80
80
Mbps
Table 10.
Typical dynamic characteristics for temperature 25
°C[1] …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8; for waveforms see Figure 6 and Figure 7.
Symbol
Parameter
Conditions
VCC(B)
Unit
1.8 V
2.5 V
3.3 V
5.0 V
Table 11.
Dynamic characteristics for temperature range
−40 °C to +85 °C[1]
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 8; for wave forms see Figure 6 and Figure 7.
Symbol Parameter
Conditions
VCC(B)
Unit
1.8 V
± 0.15 V 2.5 V ± 0.2 V 3.3 V ± 0.3 V 5.0 V ± 0.5 V
Min
Max
Min
Max
Min
Max
Min
Max
VCC(A) = 1.5 V ± 0.1 V
tpd
propagation
delay
A to B
1.4
12.9
1.2
10.1
1.1
10.0
0.8
9.9
ns
B to A
0.9
14.2
0.7
12.0
0.4
11.7
0.3
13.7
ns
ten
enable time
OE to A, B
-
1.0
-
1.0
-
1.0
-
1.0
μs
tdis
disable time
OE to A; no external load
[2]
1.0
11.9
1.0
11.9
1.0
11.9
1.0
11.9
ns
OE to B; no external load
[2]
1.0
16.9
1.0
15.2
1.0
14.1
1.0
13.8
ns
OE to A
-
320
-
260
-
260
-
280
ns
OE to B
-
200
-
200
-
200
-
200
ns
tt
transition
time
A port
0.9
5.1
0.9
5.1
0.9
5.1
0.9
5.1
ns
B port
0.9
4.7
0.6
3.2
0.5
2.5
0.4
2.7
ns
tsk(o)
output skew
time
between channels
[3]
-
0.5
-
0.5
-
0.5
-
0.5
ns
tW
pulse width
data inputs
25
-
25
-
25
-
25
-
ns
fdata
data rate
-
40
-
40
-
40
-
40
Mbps
VCC(A) = 1.8 V ± 0.15 V
tpd
propagation
delay
A to B
1.6
11.0
1.4
7.7
1.3
6.8
1.2
6.5
ns
B to A
1.5
12.0
1.3
8.4
1.0
7.6
0.9
7.1
ns
ten
enable time
OE to A, B
-
1.0
-
1.0
-
1.0
-
1.0
μs
tdis
disable time
OE to A; no external load
[2]
1.0
11.0
1.0
11.0
1.0
11.0
1.0
11.0
ns
OE to B; no external load
[2]
1.0
15.4
1.0
13.5
1.0
12.4
1.0
12.1
ns
OE to A
-
260
-
230
-
230
-
230
ns
OE to B
-
200
-
200
-
200
-
200
ns
tt
transition
time
A port
0.8
4.1
0.8
4.1
0.8
4.1
0.8
4.1
ns
B port
0.9
4.7
0.6
3.2
0.5
2.5
0.4
2.7
ns


Similar Part No. - NTB0102DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTB0102DP NXP-NTB0102DP Datasheet
367Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5.0-20 April 2022
NTB0102DP NXP-NTB0102DP Datasheet
541Kb / 34P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5.2 - 12 June 2023
NTB0102DP-Q100 NXP-NTB0102DP-Q100 Datasheet
329Kb / 22P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2.0-20 April 2022
NTB0102DP-Q100H NXP-NTB0102DP-Q100H Datasheet
329Kb / 22P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2.0-20 April 2022
More results

Similar Description - NTB0102DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTB0101 PHILIPS-NTB0101_15 Datasheet
241Kb / 26P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4-6 August 2012
NTBA104 PHILIPS-NTBA104 Datasheet
515Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-6 December 2011
NTB0101-Q100 NXP-NTB0101-Q100 Datasheet
152Kb / 21P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 ??3 July 2014
logo
Nexperia B.V. All right...
NXB0101-Q100 NEXPERIA-NXB0101-Q100 Datasheet
294Kb / 18P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 - 5 October 2022
NXB0102-Q100 NEXPERIA-NXB0102-Q100 Datasheet
308Kb / 21P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 - 13 November 2020
NXB0101 NEXPERIA-NXB0101 Datasheet
316Kb / 22P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4 - 9 February 2022
NXB0102 NEXPERIA-NXB0102 Datasheet
338Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5 - 6 September 2021
logo
NXP Semiconductors
NTBA104 PHILIPS-NTBA104_15 Datasheet
515Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2-22 May 2012
NTB0101 NXP-NTB0101 Datasheet
536Kb / 27P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 7 ??9 April 2018
NTB0104-Q100 NXP-NTB0104-Q100 Datasheet
250Kb / 23P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 ??18 April 2013
logo
Nexperia B.V. All right...
NXB0104 NEXPERIA-NXB0104 Datasheet
350Kb / 23P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 3 - 13 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com