Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB0104BQ Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NTB0104BQ
Description  Dual supply translating transceiver; auto direction sensing; 3-state
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTB0104BQ Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NTB0104BQ Datasheet HTML 2Page - NXP Semiconductors NTB0104BQ Datasheet HTML 3Page - NXP Semiconductors NTB0104BQ Datasheet HTML 4Page - NXP Semiconductors NTB0104BQ Datasheet HTML 5Page - NXP Semiconductors NTB0104BQ Datasheet HTML 6Page - NXP Semiconductors NTB0104BQ Datasheet HTML 7Page - NXP Semiconductors NTB0104BQ Datasheet HTML 8Page - NXP Semiconductors NTB0104BQ Datasheet HTML 9Page - NXP Semiconductors NTB0104BQ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
NTB0104
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 26 October 2010
6 of 27
NXP Semiconductors
NTB0104
Dual supply translating transceiver; auto direction sensing; 3-state
[1]
The minimum input and minimum output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
VCCO is the supply voltage associated with the output.
[3]
VCCO + 0.5 V should not exceed 6.5 V.
[4]
For SO14 packages: above 70
°C the value of P
tot derates linearly at 8 mW/K.
For TSSOP14 packages: above 60
°C the value of P
tot derates linearly at 5.5 mW/K.
For DHVQFN14 packages: above 60
°C the value of P
tot derates linearly at 4.5 mW/K.
For XQFN12 packages: above 128
°C the value of P
tot derates linearly with 11.5 mW/K.
For XQFN16 packages: above 135 the value of Ptot derates linearly at 16.9 mW/K.
9.
Recommended operating conditions
[1]
The A and B sides of an unused I/O pair must be held in the same state, both at VCCI or both at GND.
[2]
VCC(A) must be less than or equal to VCC(B).
10. Static characteristics
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[4] -250
mW
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 6.
Recommended operating conditions[1][2]
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
1.2
3.6
V
VCC(B)
supply voltage B
1.65
5.5
V
VI
input voltage
0
5.5
V
VO
output voltage
Power-down or 3-state mode;
VCC(A) = 1.2 V to 3.6 V;
VCC(B) = 1.65 V to 5.5 V
A port
0
3.6
V
B port
0
5.5
V
Tamb
ambient temperature
−40
+125
°C
Δt/ΔV
input transition rise and fall rate
VCC(A) = 1.2 V to 3.6 V;
VCC(B) =1.65Vto 5.5V
-
40
ns/V
Table 7.
Typical static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); Tamb = 25 °C.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VOH
HIGH-level
output voltage
A port; VCC(A) = 1.2 V; IO = −20 μA-
1.1
-
V
VOL
LOW-level
output voltage
A port; VCC(A) = 1.2 V; IO = 20 μA-
0.09
-
V
II
input leakage
current
OE input; VI = 0 V to 3.6 V; VCC(A) = 1.2 V to 3.6 V;
VCC(B) =1.65Vto 5.5V
--
±1
μA
IOZ
OFF-state output
current
A or B port; VO =0 Vto VCCO; VCC(A) = 1.2 V to 3.6 V;
VCC(B) = 1.65 V to 5.5 V
[1] --
±1
μA


Similar Part No. - NTB0104BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTB0104BQ-Q100 NXP-NTB0104BQ-Q100 Datasheet
250Kb / 23P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 ??18 April 2013
More results

Similar Description - NTB0104BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTB0101 PHILIPS-NTB0101_15 Datasheet
241Kb / 26P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4-6 August 2012
NTBA104 PHILIPS-NTBA104 Datasheet
515Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1-6 December 2011
NTB0101-Q100 NXP-NTB0101-Q100 Datasheet
152Kb / 21P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 ??3 July 2014
logo
Nexperia B.V. All right...
NXB0101-Q100 NEXPERIA-NXB0101-Q100 Datasheet
294Kb / 18P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 1 - 5 October 2022
NXB0102-Q100 NEXPERIA-NXB0102-Q100 Datasheet
308Kb / 21P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 - 13 November 2020
NXB0101 NEXPERIA-NXB0101 Datasheet
316Kb / 22P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 4 - 9 February 2022
NXB0102 NEXPERIA-NXB0102 Datasheet
338Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 5 - 6 September 2021
logo
NXP Semiconductors
NTBA104 PHILIPS-NTBA104_15 Datasheet
515Kb / 24P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2-22 May 2012
NTB0101 NXP-NTB0101 Datasheet
536Kb / 27P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 7 ??9 April 2018
NTB0104-Q100 NXP-NTB0104-Q100 Datasheet
250Kb / 23P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 2 ??18 April 2013
logo
Nexperia B.V. All right...
NXB0104 NEXPERIA-NXB0104 Datasheet
350Kb / 23P
   Dual supply translating transceiver; auto direction sensing; 3-state
Rev. 3 - 13 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com