Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3DV2567HR Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NX3DV2567HR
Description  Low-ohmic four-pole double-throw analog switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3DV2567HR Datasheet(HTML) 4 Page - NXP Semiconductors

  NX3DV2567HR Datasheet HTML 1Page - NXP Semiconductors NX3DV2567HR Datasheet HTML 2Page - NXP Semiconductors NX3DV2567HR Datasheet HTML 3Page - NXP Semiconductors NX3DV2567HR Datasheet HTML 4Page - NXP Semiconductors NX3DV2567HR Datasheet HTML 5Page - NXP Semiconductors NX3DV2567HR Datasheet HTML 6Page - NXP Semiconductors NX3DV2567HR Datasheet HTML 7Page - NXP Semiconductors NX3DV2567HR Datasheet HTML 8Page - NXP Semiconductors NX3DV2567HR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NX3DV2567
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 1 — 28 September 2010
4 of 20
NXP Semiconductors
NX3DV2567
Low-ohmic four-pole double-throw analog switch
7.2 Pin description
8.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
9.
Limiting values
Table 3.
Pin description
Symbol
Pin
Description
1Y0
1
independent input or output (supply switch)
2Y0, 3Y0, 4Y0
5, 9, 13
independent input or output (data switch)
S
2
select input
1Y1
15
independent input or output (supply switch)
2Y1, 3Y1, 4Y1
3, 7, 11
independent input or output (data switch)
1Z
16
common output or input (supply switch)
2Z, 3Z, 4Z
4, 8, 12
common output or input (data switch)
GND
6
ground (0 V)
n.c.
10
not connected
VCC
14
supply voltage
Table 4.
Function table[1]
Input S
Channel on
LnY0
HnY1
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
VI
input voltage
select input S
[1]
−0.5
+4.6
V
VSW
switch voltage
[2]
−0.5
VCC + 0.5 V
IIK
input clamping current
VI < −0.5 V
−50
-
mA
ISK
switch clamping current
VI < −0.5 V or VI >VCC + 0.5 V
-
±50
mA
ISW
switch current
supply path switch
VSW > −0.5 V or VSW < VCC + 0.5 V;
source or sink current
-
±350
mA
VSW > −0.5 V or VSW < VCC + 0.5 V;
pulsed at 1 ms duration, < 10 % duty cycle;
peak current
-
±500
mA
data path switch
VSW > −0.5 V or VSW < VCC + 0.5 V;
source or sink current
-
±128
mA
Tstg
storage temperature
−65
+150
°C


Similar Part No. - NX3DV2567HR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3DV2567HR NXP-NX3DV2567HR Datasheet
351Kb / 22P
   Low-ohmic four-pole double-throw analog switch
Rev. 2.1 - 4 October 2023
NX3DV2567HR-Q100 NXP-NX3DV2567HR-Q100 Datasheet
169Kb / 19P
   Low-ohmic four-pole double-throw analog switch
Rev. 1 ??20 January 2014
NX3DV2567HR-Q100 NXP-NX3DV2567HR-Q100 Datasheet
333Kb / 21P
   Low-ohmic four-pole double-throw analog switch
Rev. 1.1 - 4 October 2023
NX3DV2567HR-Q100X NXP-NX3DV2567HR-Q100X Datasheet
333Kb / 21P
   Low-ohmic four-pole double-throw analog switch
Rev. 1.1 - 4 October 2023
More results

Similar Description - NX3DV2567HR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3DV2567-Q100 NXP-NX3DV2567-Q100 Datasheet
169Kb / 19P
   Low-ohmic four-pole double-throw analog switch
Rev. 1 ??20 January 2014
NX3DV2567 PHILIPS-NX3DV2567_15 Datasheet
171Kb / 20P
   Low-ohmic four-pole double-throw analog switch
Rev. 2-9 November 2011
NX3DV2567 NXP-NX3DV2567_V01 Datasheet
351Kb / 22P
   Low-ohmic four-pole double-throw analog switch
Rev. 2.1 - 4 October 2023
NX3DV2567-Q100 NXP-NX3DV2567-Q100_V01 Datasheet
333Kb / 21P
   Low-ohmic four-pole double-throw analog switch
Rev. 1.1 - 4 October 2023
logo
Nexperia B.V. All right...
XS3A2467 NEXPERIA-XS3A2467 Datasheet
319Kb / 18P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 1 - 11 February 2022
logo
NXP Semiconductors
NX3L1T3157 NXP-NX3L1T3157_10 Datasheet
489Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 07-21 January 2010
NX3L1T5157 NXP-NX3L1T5157_10 Datasheet
479Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L1G3157 PHILIPS-NX3L1G3157_15 Datasheet
257Kb / 22P
   Low-ohmic single-pole double-throw analog switch
Rev. 10-7 August 2012
logo
Nexperia B.V. All right...
XS5A1T4157 NEXPERIA-XS5A1T4157 Datasheet
242Kb / 16P
   Low-ohmic single-pole double-throw analog switch
Rev. 2 - 9 February 2022
logo
NXP Semiconductors
NX3L1T5157 PHILIPS-NX3L1T5157_15 Datasheet
178Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 6-8 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com