Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3DV3899GU Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NX3DV3899GU
Description  Dual double-pole double-throw analog switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3DV3899GU Datasheet(HTML) 5 Page - NXP Semiconductors

  NX3DV3899GU Datasheet HTML 1Page - NXP Semiconductors NX3DV3899GU Datasheet HTML 2Page - NXP Semiconductors NX3DV3899GU Datasheet HTML 3Page - NXP Semiconductors NX3DV3899GU Datasheet HTML 4Page - NXP Semiconductors NX3DV3899GU Datasheet HTML 5Page - NXP Semiconductors NX3DV3899GU Datasheet HTML 6Page - NXP Semiconductors NX3DV3899GU Datasheet HTML 7Page - NXP Semiconductors NX3DV3899GU Datasheet HTML 8Page - NXP Semiconductors NX3DV3899GU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
NX3DV3899
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 2 — 23 November 2010
5 of 22
NXP Semiconductors
NX3DV3899
Dual double-pole double-throw analog switch
10. Recommended operating conditions
[1]
To avoid sinking GND current from terminal nZ when switch current flows in terminal nYn, the voltage drop across the bidirectional
switch must not exceed 0.4 V. If the switch current flows into terminal nZ, no GND current will flow from terminal nYn. In this case, there
is no limit for the voltage drop across the switch.
[2]
Applies to control signal levels.
11. Static characteristics
Table 6.
Recommended operating conditions
Symbol Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.4
4.3
V
VI
input voltage
select input nS
0
4.3
V
VSW
switch voltage
[1] 0VCC
V
Tamb
ambient temperature
−40
+125
°C
Δt/ΔV
input transition rise and fall rate
VCC = 1.4 V to 4.3 V
[2] -
200
ns/V
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground 0 V).
Symbol Parameter
Conditions
Tamb = 25
°C
Tamb =
−40 °C to +125 °C Unit
Min
Typ
Max
Min
Max
(85
°C)
Max
(125
°C)
VIH
HIGH-level
input voltage
VCC = 1.4 V to 1.6 V
0.9
-
-
0.9
-
-
V
VCC = 1.65 V to 1.95 V
0.9
-
-
0.9
-
-
V
VCC = 2.3 V to 2.7 V
1.1
-
-
1.1
-
-
V
VCC = 2.7 V to 3.6 V
1.3
-
-
1.3
-
-
V
VCC = 3.6 V to 4.3 V
1.4
-
-
1.4
-
-
V
VIL
LOW-level
input voltage
VCC = 1.4 V to 1.6 V
-
-
0.3
-
0.3
0.3
V
VCC = 1.65 V to 1.95 V
-
-
0.4
-
0.4
0.3
V
VCC = 2.3 V to 2.7 V
-
-
0.4
-
0.4
0.4
V
VCC = 2.7 V to 3.6 V
-
-
0.5
-
0.5
0.5
V
VCC = 3.6 V to 4.3 V
-
-
0.6
-
0.6
0.6
V
II
input leakage
current
select input nS;
VI =GND to 4.3V;
VCC = 1.4 V to 4.3 V
--
-
-
±0.5
±1
μA
IS(OFF)
OFF-state
leakage
current
nY0 and nY1 port;
see Figure 5
VCC = 1.4 V to 4.3 V
-
-
±5-
±50
±500
nA
IS(ON)
ON-state
leakage
current
nZ port; see Figure 6
VCC = 1.4 V to 4.3 V
-
-
±5-
±50
±500
nA
ICC
supply current
VI =VCC or GND;
VSW =GND or VCC
VCC = 3.6 V
-
-
100
-
500
5000
nA
VCC = 4.3 V
-
-
150
-
800
6000
nA


Similar Part No. - NX3DV3899GU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3DV3899 PHILIPS-NX3DV3899_15 Datasheet
204Kb / 22P
   Dual double-pole double-throw analog switch
Rev. 3-9 November 2011
More results

Similar Description - NX3DV3899GU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3DV3899 PHILIPS-NX3DV3899_15 Datasheet
204Kb / 22P
   Dual double-pole double-throw analog switch
Rev. 3-9 November 2011
logo
Nexperia B.V. All right...
XS3A2467 NEXPERIA-XS3A2467 Datasheet
319Kb / 18P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 1 - 11 February 2022
logo
NXP Semiconductors
NX3L2467 NXP-NX3L2467 Datasheet
235Kb / 24P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 3-29 December 2010
NX3L2467 PHILIPS-NX3L2467_15 Datasheet
276Kb / 24P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 5-2 July 2012
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com