Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L2467PW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NX3L2467PW
Description  Dual low-ohmic double-pole double-throw analog switch
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L2467PW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NX3L2467PW Datasheet HTML 5Page - NXP Semiconductors NX3L2467PW Datasheet HTML 6Page - NXP Semiconductors NX3L2467PW Datasheet HTML 7Page - NXP Semiconductors NX3L2467PW Datasheet HTML 8Page - NXP Semiconductors NX3L2467PW Datasheet HTML 9Page - NXP Semiconductors NX3L2467PW Datasheet HTML 10Page - NXP Semiconductors NX3L2467PW Datasheet HTML 11Page - NXP Semiconductors NX3L2467PW Datasheet HTML 12Page - NXP Semiconductors NX3L2467PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
NX3L2467
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 29 December 2010
9 of 24
NXP Semiconductors
NX3L2467
Dual low-ohmic double-pole double-throw analog switch
11.3 ON resistance test circuit and graphs
RON =VSW / ISW.(1) VCC =1.5 V.
(2) VCC =1.8 V.
(3) VCC =2.5 V.
(4) VCC =2.7 V.
(5) VCC =3.3 V.
(6) VCC =4.3 V.
Measured at Tamb =25 C.
Fig 8.
Test circuit for measuring ON resistance
Fig 9.
Typical ON resistance as a function of input
voltage
V
012aaa002
VI
ISW
switch
nS
1VIL
2VIH
switch
VSW
GND
VCC
VIL or VIH
nY0
nY1
nS
nZ
1
2
VI (V)
05
4
3
12
001aag564
0.8
0.4
1.2
1.6
RON
(
Ω)
0
(1)
(2)
(5)
(6)
(4)
(3)


Similar Part No. - NX3L2467PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2467 PHILIPS-NX3L2467_15 Datasheet
276Kb / 24P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 5-2 July 2012
More results

Similar Description - NX3L2467PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
XS3A2467 NEXPERIA-XS3A2467 Datasheet
319Kb / 18P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 1 - 11 February 2022
logo
NXP Semiconductors
NX3L2467 PHILIPS-NX3L2467_15 Datasheet
276Kb / 24P
   Dual low-ohmic double-pole double-throw analog switch
Rev. 5-2 July 2012
NX3L2267 PHILIPS-NX3L2267_15 Datasheet
311Kb / 22P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 5-18 June 2012
NX3L2267S PHILIPS-NX3L2267S_15 Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3L4684 NXP-NX3L4684 Datasheet
592Kb / 24P
   Dual low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
NX3L2267 NXP-NX3L2267 Datasheet
189Kb / 22P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 4-8 November 2011
NX3L2267S NXP-NX3L2267S Datasheet
288Kb / 20P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 2-8 November 2011
NX3L4684 PHILIPS-NX3L4684_15 Datasheet
349Kb / 24P
   Low-ohmic dual single-pole double-throw analog switch
Rev. 8-3 April 2014
NX3L1T3157 NXP-NX3L1T3157_10 Datasheet
489Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 07-21 January 2010
NX3L1T5157 NXP-NX3L1T5157_10 Datasheet
479Kb / 21P
   Low-ohmic single-pole double-throw analog switch
Rev. 04-24 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com