Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC15-06 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # GBPC15-06
Description  High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBPC15-06 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  GBPC15-06 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBPC15-06 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd GBPC15-06 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Version:H11
(GBPC35005 THRU GBPC3510)
RATINGS AND CHARACTERISTIC CURVES (GBPC25005 THRU GBPC2510)
(GBPC15005 THRU GBPC1510)
FIG.1 FORWARD CURRENT DERATING CURVE
0
5
10
15
20
25
30
35
40
20
40
60
80
100
120
140
160
180
CASE TEMPERATURE (
oC)
GBPC35
GBPC25
GBPC15
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT PER BRIDGE ELEMENT
0
50
100
150
200
250
300
350
400
1
10
100
NUMBER OF CYCLES AT 60 Hz
GBPC15
GBPC25
GBPC35
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=125℃
FIG. 4 TYPICAL JUNCTION CAPACITANCE
0
100
200
300
400
500
600
700
0.1
1
10
100
REVERSE VOLTAGE (V)
TA=25℃
f=1.0MHz
Vsig=50mVp-p
FIG. 5 TYPICAL FORWARD CHARACTERISRICS
PER BRIDGE ELEMENT
0.1
1
10
100
1000
0.6 0.7 0.8 0.9
1
1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9
2
FORWARD VOLTAGE (V)
GBPC35
GBPC25
GBPC15


Similar Part No. - GBPC15-06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GBPC15-06 ETC2-GBPC15-06 Datasheet
179Kb / 4P
   15A Glass Passivated Bridge Rectifier
logo
TAITRON Components Inco...
GBPC15-06 TAITRON-GBPC15-06 Datasheet
179Kb / 4P
   15A Glass Passivated Bridge Rectifier
logo
Taiwan Semiconductor Co...
GBPC15-06 TSC-GBPC15-06 Datasheet
272Kb / 4P
   Glass Passivated Bridge Rectifiers
logo
TAITRON Components Inco...
GBPC15-06W TAITRON-GBPC15-06W Datasheet
138Kb / 4P
   15A Glass Passivated Bridge Rectifier
More results

Similar Description - GBPC15-06

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SB1505G TSC-SB1505G Datasheet
70Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC15 TSC-GBPC15 Datasheet
103Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBPC15 YANGJIE-GBPC15 Datasheet
294Kb / 2P
   HIGH CURRENT 15/25/35 AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
SB25 TSC-SB25 Datasheet
71Kb / 2P
   High Current 15 25 35 AMPS Single Phase Bridge Rectifiers
SB15 TSC-SB15 Datasheet
71Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Bridge Rectifiers
logo
Kingtronics Internation...
KBPC35005W KINGTRONICS-KBPC35005W_15 Datasheet
391Kb / 2P
   High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
KBPC35005 KINGTRONICS-KBPC35005_15 Datasheet
404Kb / 2P
   High Current 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
KBPC25005-KBPC2510 KINGTRONICS-KBPC25005-KBPC2510 Datasheet
423Kb / 2P
   High Current 25 AMPS. Single Phase Glass Passivated Bridge Rectifiers
KBPC25005 KINGTRONICS-KBPC25005_15 Datasheet
412Kb / 2P
   High Current 25 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Jinan Gude Electronic D...
MP1500G JGD-MP1500G Datasheet
160Kb / 2P
   HIGH CURRENT 15 AMPS SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com