Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDBL106G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HDBL106G
Description  1.0AMP. Glass Passivated High Efficient Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HDBL106G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HDBL106G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HDBL106G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:C11
RATINGS AND CHARACTERISTIC CURVES (HDBL101G THRU HDBL107G)
FIG.1 FORWARD CURRENT DERATING CURVE
0
0.5
1
1.5
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (
oC)
RESISTIVE OR
INDUCTION
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
10
20
30
40
50
60
70
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3mS Single Half Sine Wave
(JEDEC Method)
FIG. 5 TYPICAL REVERSE CHARACTERISTICS
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=125℃
FIG. 4 TYPICAL JUNCTION CAPACITANCE
0
10
20
30
40
50
60
70
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
HDBL101G -
HDBL105G
HDBL106G -
HDBL107G
TA=25℃
FIG. 2 TYPICAL FORWARD CHARACTERISRICS
0.001
0.01
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
HDBL101G -
HDBL104G
HDBL105G
HDBL106G -
HDBL107G
TA=25℃


Similar Part No. - HDBL106G

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
HDBL106G TMT-HDBL106G Datasheet
370Kb / 4P
   1A, 50V - 1000V Glass Passivated High Efficient Bridge Rectifiers
More results

Similar Description - HDBL106G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HDBLS101G TSC-HDBLS101G Datasheet
139Kb / 2P
   1.0AMP. Glass Passivated High Efficient Bridge Rectifiers
logo
Shenzhen Luguang Electr...
HER101G LUGUANG-HER101G Datasheet
189Kb / 2P
   1.0AMP. Glass Passivated High Efficient Rectifiers
logo
Chongqing Pingwei Enter...
HER101G CHONGQING-HER101G_16 Datasheet
193Kb / 1P
   1.0AMP. GLASS PASSIVATED HIGH EFFICIENT RECTIFIERS
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001_13 Datasheet
431Kb / 4P
   1.0AMP. Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
UF4001 LUGUANG-UF4001 Datasheet
182Kb / 2P
   1.0AMP. Glass Passivated High Efficient Plastic Rectifiers
logo
Shanghai Lunsure Electr...
EGP10A CHENYI-EGP10A Datasheet
67Kb / 3P
   1.0Amp glass passivated high efficient rectifiers 50to800 volts
HDB101G CHENYI-HDB101G Datasheet
64Kb / 2P
   1.0Amp glass passivated bridge high efficient rectifier 50to1000 volts
logo
Jinan Gude Electronic D...
DF005G JGD-DF005G Datasheet
137Kb / 2P
   SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
DBLS101G TSC-DBLS101G Datasheet
128Kb / 2P
   Single Phase 1.0AMP. Glass Passivated Bridge Rectifiers
ABS2 TSC-ABS2_11 Datasheet
338Kb / 2P
   Single Phase 1.0AMP Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com