Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT202 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LT202
Description  GaAs Hall IC for Fan Motor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT202 Datasheet(HTML) 3 Page - Sharp Corporation

  LT202 Datasheet HTML 1Page - Sharp Corporation LT202 Datasheet HTML 2Page - Sharp Corporation LT202 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fig. 3
Supply Current vs. Ambient
Temperature
Fig. 4
Supply Current vs. Supply
Voltage
Fig. 8
Alarm Output Saturation Voltage vs.
Alarm Output Sink Current
Fig. 7
Alarm Output Saturation Voltage
vs. Ambient Temperature
Fig. 5
Coil Input Sensitivity vs. Ambient
Temperature
Fig. 6
Operating Magnetic Flux Density
vs. Ambient Temperature
Hall IC
LT202A
VCC=24V
ISINK=4mA
0
-40
80
60
20
0
-20
40
100
0.20
0.16
0.12
0.08
0.04
0.18
0.14
0.10
0.06
0.02
Ambient temperature Ta (˚C)
VCC=12V
Ta=25˚C
0
04
2
16
35
0.10
0.08
0.06
0.04
0.02
Alarm output sink current ISINK (mA)
VCC=24V
-12
-40
80
60
20
0
-20
40
100
12
6
2
-4
-8
10
8
4
0
-2
-6
-10
Ambient temperature Ta (˚C)
VCC=24V
0
-40
80
60
20
0
-20
40
100
20
16
12
8
4
18
14
10
6
2
Ambient temperature Ta (˚C)
VCC=12V
At no-load
0
-40
80
60
20
0
-20
40
100
20
16
12
8
4
18
14
10
6
2
Ambient temperature Ta (˚C)
Ta=25˚C
At no-load
0
025
30
5
101520
35
20
16
12
8
4
18
14
10
6
2
Supply voltage VCC (V)


Similar Part No. - LT202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT202 ETC-LT202 Datasheet
99Kb / 2P
   LT Series: 25/30 WATT Wide Input Range
More results

Similar Description - LT202

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT205A SHARP-LT205A Datasheet
20Kb / 1P
   GaAs Hall IC for Fan Motor with Variable Speed by Temperature
logo
Silan Microelectronics ...
SD1579 SILAN-SD1579 Datasheet
243Kb / 7P
   Hall IC Fan Motor Driver
logo
Melexis Microelectronic...
US90A MELEXIS-US90A Datasheet
307Kb / 12P
   24V Hall IC Fan Driver
US91A MELEXIS-US91A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
US90A MELEXIS-US90A_14 Datasheet
561Kb / 12P
   24V Hall IC Fan Driver
logo
Panasonic Semiconductor
AN3811NK PANASONIC-AN3811NK Datasheet
45Kb / 4P
   Cylinder Hall motor driving IC for VCR
logo
Toshiba Semiconductor
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Rohm
BA6811F ROHM-BA6811F Datasheet
89Kb / 6P
   Fan motor driver IC
logo
Toshiba Semiconductor
TA8462F TOSHIBA-TA8462F Datasheet
262Kb / 6P
   FAN MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F_06 Datasheet
411Kb / 13P
   FAN MOTOR DRIVER IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com