Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT251A Datasheet(PDF) 1 Page - Sharp Corporation

Part # LT251A
Description  GaAs Hall IC for Noncontact Swich(Unidirectional magnetic field-type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT251A Datasheet(HTML) 1 Page - Sharp Corporation

  LT251A Datasheet HTML 1Page - Sharp Corporation LT251A Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices
shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device spcification sheets before using any SHARP device.
s Features
¡Operation by small magnet due to high sensitivity Operating
point<30mT
¡Combining a GaAs Hall device and an IC in a compact
package (2.9X1.5X1.1mm)
¡Wide operation temperature range obtained by GaAs Hall
device (-20 to +125˚C)
¡Long life time due to noncontact-type
s Applications
¡FDD
¡HDD
¡Water meter
¡Car stereo
¡Microswitch, etc.
s Outline Dimensions
(Unit : mm)
LT251A
LT251A
Hall IC
GaAs Hall IC for Noncontact Swich
(Unidirectional magnetic field-type)
s Operating Explanation
As for dimensions of tape-packaged products, refer to page 44 .
2.7±0.3
1.5±0.2
1
2
4
3
4-R0.2
SZ
0.6
0.6
1 : VCC
2 : VOUT
3 : Don't use.
4 : GND
+
-
H
REG
Y
X
Hall device center line
X : +0.05±0.23mm against package center
Y : -0.05±0.1mm against package lead center between
No.2 and No.3 terminals
Z : 0.81±0.15mm from package surface
*No.3 terminal and the section of leads (both sides
of package in X direction) are connected with the
terminal of internal IC. Be careful in connecting other circuits.
Terminal connections
Hall
device
BRP
0BOP
+B
Magnetic flux density
<Unidirectional magnetic field-type>
*1 Soldering time : within 10 seconds
s Absolute Maximum Ratings
(Ta=25˚C)
Supply voltage
Output voltage
Output current
Power dissipation
Operating temperature
Storage temperature
Soldering temperature*1
Symbol
VCC
VOUT
IO
PD
Topr
Tstg
Tsol
Rating
18
18
5
100
-20 to +125
-55 to +150
260
Unit
V
V
mA
mW
˚C
˚C
˚C
Parameter
s Electrical Characteristics
(Ta=25˚C)
Operating magnetic flux density
Hysteresis breadth
Operating voltage
Supply current
Low level output voltage
High level output voltage
Output short circuit current
Operating point temperature drift
Symbol
BOP
BRP
BH
VCC
ICC
VOL
VOH
IOS
∆BOP
Conditions
VCC=16V
VCC=16V, B=<10mT
VCC=16V, IO=4mA, B>=30mT
VCC=16V, IO=-100
µA, B=<10mT
VCC=16V
VCC=16V, Ta=-5˚C to+60˚C
VCC=16V, Ta=-20˚C to+80˚C
MIN.
11
10
1
4.5
-
-
13.9
-1.55
-
-
TYP.
-
-
-
-
-
-
-
-
2.0
2.5
MAX.
30
29
5
16
10.5
0.4
-
-0.80
4.5
8.0
Unit
mT
mT
mT
V
mA
V
V
mA
mT
mT
Parameter


Similar Part No. - LT251A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LT251 SEOUL-LT251 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LT251 SEOUL-LT251 Datasheet
360Kb / 13P
   CYAN LAMP LED
LT251 SEOUL-LT251 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LT251 SEOUL-LT251 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LT251 SEOUL-LT251 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LT251A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT253A SHARP-LT253A Datasheet
23Kb / 2P
   GaAs Hall IC for Noncontact Swich(Unidirectional magnetic field-type)
LT280A SHARP-LT280A Datasheet
23Kb / 2P
   GaAs Hall IC for Noncontact Switch(Unidirectional magnetic field-type)
LT260A SHARP-LT260A Datasheet
23Kb / 2P
   GaAs Hall IC for Noncontact Switch(Alternating magnetic field-type)
LT261A SHARP-LT261A Datasheet
23Kb / 2P
   GaAs Hall IC for Noncontact Switch(Alternating magnetic field-type*)
LT262A SHARP-LT262A Datasheet
23Kb / 2P
   GaAs Hall IC for Noncontact Switch(Alternating magnetic field-type*)
LT230A SHARP-LT230A Datasheet
22Kb / 2P
   GaAs Hall IC for Noncontact Switch (Unidirestional magnetic field-type)
logo
Panasonic Semiconductor
DN6849UBS PANASONIC-DN6849UBS Datasheet
48Kb / 6P
   Hall IC for alternative magnetic field
DN8899UAS PANASONIC-DN8899UAS Datasheet
45Kb / 6P
   Hall IC for alternative magnetic field SOH-4D type
logo
Siemens Semiconductor G...
TLE4905G SIEMENS-TLE4905G Datasheet
115Kb / 13P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
TLE4905L SIEMENS-TLE4905L Datasheet
264Kb / 15P
   Uni- and Bipolar Hall IC Switches for Magnetic Field Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com