Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATFC-0402-2N0-X Datasheet(PDF) 1 Page - Abracon Corporation

Part # ATFC-0402-2N0-X
Description  THIN FILM CHIP INDUCTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ATFC-0402-2N0-X Datasheet(HTML) 1 Page - Abracon Corporation

  ATFC-0402-2N0-X Datasheet HTML 1Page - Abracon Corporation ATFC-0402-2N0-X Datasheet HTML 2Page - Abracon Corporation ATFC-0402-2N0-X Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
THIN FILM CHIP INDUCTOR
| | | | | | | | | | | | | | |
ATFC-0402
STANDARD SPECIFICATIONS:
APPLICATIONS:
FEATURES:
1.0 x 0.5 x 0.32mm
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 12.01.08
Visit www.abracon.com for Terms & Conditions of Sale
• A photo-lithographic single layer ceramic chip
• High SRF; Excellent Q
• Superior Temperature Stability
• Tight Tolerance of ±1% or ± 0.1nH
• Self Resonant Frequency Control within 10%
• Stable Inductance in High Frequency Circuit
• Highly Stable Design for Critical Needs
• Cellular Telephones
• Pagers and GPS Products
• Communication Appliances
• Bluetooth Module
• VCO,TCXO Circuit and
RF Transceiver Modules
• Wireless LAN
PARAMETERS
ABRACON P/N:
ATFC-0402-xxx Series
Operating temperature:
-25°C to + 85°C
Storage temperature:
25±3°C; Humidity <80%RH
Test Equipment:
HP4286A +Aglient 16196C
ABRACON
Inductance
X: Tolerance Code
Quality
Factor (Q)
Resistance
Current
p/n
(nH)
Standard
Other Options
min
DC/Max (Ω)
DC/Max (mA)
Self Resonant
Frequency /min
(GHz)
ATFC-0402-0N2-X
0.2
B (±0.1nH)
C,S
13 / 500MHz
0.1
800
14
ATFC-0402-0N4-X
0.4
B (±0.1nH)
C,S
13 / 500MHz
0.1
800
14
ATFC-0402-0N8-X
0.8
B (±0.1nH)
C,S
13 / 500MHz
0.15
700
14
ATFC-0402-1N0-X
1.0
B (±0.1nH)
C,S
13 / 500MHz
0.15
700
12
ATFC-0402-1N1-X
1.1
B (±0.1nH)
C,S
13 / 500MHz
0.15
700
12
ATFC-0402-1N2-X
1.2
B (±0.1nH)
C,S
13 / 500MHz
0.15
700
12
ATFC-0402-1N3-X
1.3
B (±0.1nH)
C,S
13 / 500MHz
0.25
700
10
ATFC-0402-1N4-X
1.4
B (±0.1nH)
C,S
13 / 500MHz
0.25
700
10
ATFC-0402-1N5-X
1.5
B (±0.1nH)
C,S
13 / 500MHz
0.25
700
10
ATFC-0402-1N6-X
1.6
B (±0.1nH)
C,S
13 / 500MHz
0.25
560
10
ATFC-0402-1N7-X
1.7
B (±0.1nH)
C,S
13 / 500MHz
0.25
560
10
ATFC-0402-1N8-X
1.8
B (±0.1nH)
C,S
13 / 500MHz
0.25
560
10
ATFC-0402-1N9-X
1.9
B (±0.1nH)
C,S
13 / 500MHz
0.35
560
8
ATFC-0402-2N0-X
2.0
B (±0.1nH)
C,S
13 / 500MHz
0.35
560
8
ATFC-0402-2N1-X
2.1
B (±0.1nH)
C,S
13 / 500MHz
0.35
440
8
ATFC-0402-2N2-X
2.2
B (±0.1nH)
C,S
13 / 500MHz
0.35
440
8
ATFC-0402-2N3-X
2.3
B (±0.1nH)
C,S
13 / 500MHz
0.35
440
8
ATFC-0402-2N4-X
2.4
B (±0.1nH)
C,S
13 / 500MHz
0.35
440
8
ATFC-0402-2N5-X
2.5
B (±0.1nH)
C,S
13 / 500MHz
0.35
440
8
ATFC-0402-2N6-X
2.6
B (±0.1nH)
C,S
13 / 500MHz
0.35
440
8
ATFC-0402-2N7-X
2.7
B (±0.1nH)
C,S
13 / 500MHz
0.35
440
8
ATFC-0402-2N8-X
2.8
B (±0.1nH)
C,S
13 / 500MHz
0.45
380
8
ATFC-0402-2N9-X
2.9
B (±0.1nH)
C,S
13 / 500MHz
0.45
380
6
ATFC-0402-3N0-X
3.0
B (±0.1nH)
C,S
13 / 500MHz
0.45
380
6
ATFC-0402-3N1-X
3.1
B (±0.1nH)
C,S
13 / 500MHz
0.45
380
6
ATFC-0402-3N2-X
3.2
B (±0.1nH)
C,S
13 / 500MHz
0.45
380
6
ATFC-0402-3N3-X
3.3
B (±0.1nH)
C,S
13 / 500MHz
0.45
380
6
ATFC-0402-3N4-X
3.4
B (±0.1nH)
C,S
13 / 500MHz
0.55
380
6


Similar Part No. - ATFC-0402-2N0-X

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402-2N0-BT ABRACON-ATFC-0402-2N0-BT Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0402-2N0-CT ABRACON-ATFC-0402-2N0-CT Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0402-2N0-FT ABRACON-ATFC-0402-2N0-FT Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0402-2N0-GT ABRACON-ATFC-0402-2N0-GT Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0402-2N0-JT ABRACON-ATFC-0402-2N0-JT Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
More results

Similar Description - ATFC-0402-2N0-X

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
   THIN FILM CHIP INDUCTOR
20090325-B
logo
Abracon Corporation
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Allied Components Inter...
TF02 ALLIED-TF02 Datasheet
430Kb / 1P
   Thin Film Chip Inductor
logo
ABC Taiwan Electronics ...
AL16081N0DL ABC-AL16081N0DL Datasheet
85Kb / 5P
   THIN FILM CHIP INDUCTOR
20080424-A
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201 Datasheet
205Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0201 ABRACON-ATFC-0201_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
11.26.08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com