Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10114826-00002LF Datasheet(PDF) 1 Page - FCI connector

Part # 10114826-00002LF
Description  1.25mm Wire-To-Board System
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

10114826-00002LF Datasheet(HTML) 1 Page - FCI connector

  10114826-00002LF Datasheet HTML 1Page - FCI connector 10114826-00002LF Datasheet HTML 2Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.fciconnect.com
DESCRIPTION
FEATURES & BENEFITS
TARGET MARKETS & APPLICATIONS
1.25mm Wire-To-Board System
FCI’s 1.25mm pitch wire-to-board connector
series is designed for a wide variety of
applications in Industrial, Automotive and
Consumer.
The range consists of terminals, crimp housings
and PCB headers in straight and right angle,
surface mount and through mount
configurations. It is a single row design,
available with from 2 to 15 circuits. A crimping
application tool is also available for wire
harness assembly.
Unlike many other products for the same
applications, FCI’s 1.25mm wire-to-board range
conforms to the EU Industry Safety Standard,
PCB header material meets halogen free
requirements and the products can be operated
in the temperature range from -40℃ to +105℃.
Operating temperature: -40°C to +105°C
Plating options:gold flash or tin
Circuits: #2~#15 positions available, extension up to 20 positions
Current rating: 1 Amp
Polarized Mating Geometry: crimping housing is polarized to
prevent mis-mating with PCB header
Friction lock: crimping housing is equipped with friction locks to
secure retention force with PCB header
PCB header material (resin) meets halogen free requirement
Housing meets EU Industry Safety Standard
RoHS compliance and UL approved
Tape and reel packaging befits pick and place of SMT production
process.
BOARD-TO-BOARD/WIRE-TO-BOARD
CONNECTORS


Similar Part No. - 10114826-00002LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
10114826-00008LF FCI-CONNECTOR-10114826-00008LF Datasheet
72Kb / 1P
   SPECIFICATIONS CURRENT RATING 1A AC DC
More results

Similar Description - 10114826-00002LF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
4-1734598-5 MACOM-4-1734598-5 Datasheet
153Kb / 4P
   Wire To Board Serial, Pitch 1.25mm
logo
List of Unclassifed Man...
51021 ETC2-51021 Datasheet
69Kb / 1P
   1.25mm (.049) Pitch Wire-to-Wire and Wire-to-Board Receptacle
logo
Molex Electronics Ltd.
0554511670 MOLEX7-0554511670 Datasheet
133Kb / 3P
   1.25mm (.049") Pitch Mi ll??System Wire-to-Board Header, Dual Row, Vertical, LeadfreeLeadfree,
0554512670 MOLEX7-0554512670 Datasheet
133Kb / 3P
   1.25mm (.049") Pitch Mi ll??System Wire-to-Board Header, Dual Row, Vertical, LeadLeadfree,
51021-0900 MOLEX11-51021-0900 Datasheet
39Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 9
51021-1200 MOLEX11-51021-1200 Datasheet
38Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 12
0510211500 MOLEX1-0510211500_17 Datasheet
32Kb / 2P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 15Circuits
0510210500 MOLEX1-0510210500_17 Datasheet
33Kb / 2P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 5Circuits
0510211000 MOLEX1-0510211000_17 Datasheet
33Kb / 2P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 10circuits
0510210200 MOLEX1-0510210200_17 Datasheet
33Kb / 2P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 2Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com