Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ORD211 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ORD211
Description  REED SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ORD211 Datasheet(HTML) 7 Page - OKI electronic componets

  ORD211 Datasheet HTML 1Page - OKI electronic componets ORD211 Datasheet HTML 2Page - OKI electronic componets ORD211 Datasheet HTML 3Page - OKI electronic componets ORD211 Datasheet HTML 4Page - OKI electronic componets ORD211 Datasheet HTML 5Page - OKI electronic componets ORD211 Datasheet HTML 6Page - OKI electronic componets ORD211 Datasheet HTML 7Page - OKI electronic componets ORD211 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
45
PI
CR
DO
AT
60
m
W
50
40
30
20
10
0
80
60
40
PI
CR
DO
AT
60
m
W
l
ORD211
50
40
30
20
10
0
80
60
40
1500
G
10
020
30405060
AT
1000
500
Before test
After test
Before test
After test
(30G: 11ms)
(20G: 10
∼1000Hz)
(open
→close)
(6) Shock test
1) Electrical characteristics
(7) Vibration test
2) Misoperation area
Pull-in Value
Misoperation
area


Similar Part No. - ORD211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD211 ETC-ORD211 Datasheet
78Kb / 8P
   REED SWITCH
logo
Meder Electronic
ORD211 MEDER-ORD211 Datasheet
94Kb / 8P
   REED SWITCH
More results

Similar Description - ORD211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD221 ETC-ORD221 Datasheet
78Kb / 8P
   REED SWITCH
logo
Meder Electronic
ORD311 MEDER-ORD311 Datasheet
91Kb / 8P
   REED SWITCH
logo
OKI electronic componet...
ORD213 OKI-ORD213 Datasheet
100Kb / 8P
   REED SWITCH
logo
Meder Electronic
3905171000 MEDER-3905171000 Datasheet
127Kb / 3P
   Reed Switch
2110401015 MEDER-2110401015 Datasheet
65Kb / 2P
   Reed Switch
2110401520 MEDER-2110401520 Datasheet
65Kb / 2P
   Reed Switch
2112901015 MEDER-2112901015 Datasheet
64Kb / 2P
   Reed Switch
2113500510 MEDER-2113500510 Datasheet
130Kb / 2P
   Reed Switch
2116601015 MEDER-2116601015 Datasheet
62Kb / 2P
   Reed Switch
2118502530 MEDER-2118502530 Datasheet
62Kb / 2P
   Reed Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com