Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ORD311 Datasheet(PDF) 4 Page - OKI electronic componets

Part # ORD311
Description  REED SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ORD311 Datasheet(HTML) 4 Page - OKI electronic componets

  ORD311 Datasheet HTML 1Page - OKI electronic componets ORD311 Datasheet HTML 2Page - OKI electronic componets ORD311 Datasheet HTML 3Page - OKI electronic componets ORD311 Datasheet HTML 4Page - OKI electronic componets ORD311 Datasheet HTML 5Page - OKI electronic componets ORD311 Datasheet HTML 6Page - OKI electronic componets ORD311 Datasheet HTML 7Page - OKI electronic componets ORD311 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
170
Parameter
Operate time
Bounce time
Release time
Resonant frequency
Maximum operating frequency
Rated value
Unit
ms
ms
ms
Hz
Hz
(1) Operate time
(2) Bounce time
(3) Release time
(4) Resonant frequency
10
20
30
40
50
AT
15
10
5
0
(25Hz: 100AT energized)
Drop-out Value
ms
0.5
0.4
0.3
0.2
0.1
0
10
20
30
40
50
AT
Pull-in Value
(25Hz: 100AT energized)
99.9
99
95
90
80
70
60
50
40
30
20
10
5
1
0.1
Resonant frequency
99.9
99
95
90
80
70
60
50
40
30
20
10
5
1
0.1
Bounce time
(25Hz: 100AT energized)
11000
12000
13000
14000
Hz
l ORD311
0.1
0.2
0.3
0.4
ms
0
0.3max
0.3max
0.05max
13000
±2000
500
ms
n OPERATING CHARACTERISTICS


Similar Part No. - ORD311

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
ORD311 MEDER-ORD311 Datasheet
91Kb / 8P
   REED SWITCH
More results

Similar Description - ORD311

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD221 ETC-ORD221 Datasheet
78Kb / 8P
   REED SWITCH
logo
Meder Electronic
ORD311 MEDER-ORD311 Datasheet
91Kb / 8P
   REED SWITCH
logo
OKI electronic componet...
ORD211 OKI-ORD211 Datasheet
94Kb / 8P
   REED SWITCH
ORD213 OKI-ORD213 Datasheet
100Kb / 8P
   REED SWITCH
logo
Meder Electronic
3905171000 MEDER-3905171000 Datasheet
127Kb / 3P
   Reed Switch
2110401015 MEDER-2110401015 Datasheet
65Kb / 2P
   Reed Switch
2110401520 MEDER-2110401520 Datasheet
65Kb / 2P
   Reed Switch
2112901015 MEDER-2112901015 Datasheet
64Kb / 2P
   Reed Switch
2113500510 MEDER-2113500510 Datasheet
130Kb / 2P
   Reed Switch
2116601015 MEDER-2116601015 Datasheet
62Kb / 2P
   Reed Switch
2118502530 MEDER-2118502530 Datasheet
62Kb / 2P
   Reed Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com