Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39100XX Datasheet(PDF) 10 Page - STMicroelectronics

Part # LD39100XX
Description  1 A, low quiescent current, low noise voltage regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100XX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD39100XX Datasheet HTML 6Page - STMicroelectronics LD39100XX Datasheet HTML 7Page - STMicroelectronics LD39100XX Datasheet HTML 8Page - STMicroelectronics LD39100XX Datasheet HTML 9Page - STMicroelectronics LD39100XX Datasheet HTML 10Page - STMicroelectronics LD39100XX Datasheet HTML 11Page - STMicroelectronics LD39100XX Datasheet HTML 12Page - STMicroelectronics LD39100XX Datasheet HTML 13Page - STMicroelectronics LD39100XX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Typical performance characteristics
LD39100XX, LD39100XX12, LD39100XX25
10/24
Doc ID 15676 Rev 2
5
Typical performance characteristics
CIN = COUT = 1 µF.
Figure 4.
VADJ accuracy
Figure 5.
VOUT accuracy
Figure 6.
Dropout voltage vs. temperature
Figure 7.
Dropout voltage vs. temperature
Figure 8.
Dropout voltage vs. output current
Figure 9.
Short-circuit current vs. drop
voltage
0.74
0.76
0.78
0.8
0.82
0.84
0.86
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = 1.8 V, VEN = VIN, IOUT = 10 mA
0.74
0.76
0.78
0.8
0.82
0.84
0.86
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = 1.8 V, VEN = VIN, IOUT = 10 mA
2.44
2.46
2.48
2.5
2.52
2.54
2.56
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = 3.5 V, VEN = VIN, IOUT = 10 mA
2.44
2.46
2.48
2.5
2.52
2.54
2.56
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = 3.5 V, VEN = VIN, IOUT = 10 mA
0
50
100
150
200
250
300
350
-50
-25
0
25
50
75
100
125
150
T [°C]
V
EN to VIN, VOUT = 2.5 V, IOUT = 1 A
0
50
100
150
200
250
300
350
-50
-25
0
25
50
75
100
125
150
T [°C]
V
EN to VIN, VOUT = 2.5 V, IOUT = 1 A
0
50
100
150
200
250
300
350
400
-50
-25
0
25
50
75
100
125
150
T [°C]
V
EN to VIN, VOUT @ 1.5 V, IOUT = 1 A
0
50
100
150
200
250
300
350
400
-50
-25
0
25
50
75
100
125
150
T [°C]
V
EN to VIN, VOUT @ 1.5 V, IOUT = 1 A
0
0.05
0.1
0.15
0.2
0.25
0
200
400
600
800
1000
1200
I
OUT [mA]
V
OUT @ 1.5 V
V
OUT = 2.5 V
V
EN to VIN
0
0.05
0.1
0.15
0.2
0.25
0
200
400
600
800
1000
1200
I
OUT [mA]
V
OUT @ 1.5 V
V
OUT = 2.5 V
V
EN to VIN
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Vdrop [V]
125 °C
85 °C
55 °C
25 °C
0 °C
-25 °C
-40 °C
V
IN from 0 to 5.5 V, VEN to VIN, VOUT = 0.8 V
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Vdrop [V]
125 °C
85 °C
55 °C
25 °C
0 °C
-25 °C
-40 °C
V
IN from 0 to 5.5 V, VEN to VIN, VOUT = 0.8 V


Similar Part No. - LD39100XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39100 STMICROELECTRONICS-LD39100 Datasheet
1Mb / 27P
   1 A, low quiescent current, low-noise voltage regulator
June 2016 Rev 6
LD39100PU12R STMICROELECTRONICS-LD39100PU12R Datasheet
863Kb / 23P
   1 A, low quiescent current, low noise voltage regulator
LD39100PU12R STMICROELECTRONICS-LD39100PU12R Datasheet
1Mb / 27P
   1 A, low quiescent current, low-noise voltage regulator
June 2016 Rev 6
LD39100PU12RY STMICROELECTRONICS-LD39100PU12RY Datasheet
1Mb / 27P
   1 A, low quiescent current, low-noise voltage regulator
June 2016 Rev 6
LD39100PU18R STMICROELECTRONICS-LD39100PU18R Datasheet
1Mb / 27P
   1 A, low quiescent current, low-noise voltage regulator
June 2016 Rev 6
More results

Similar Description - LD39100XX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39100 STMICROELECTRONICS-LD39100 Datasheet
1Mb / 27P
   1 A, low quiescent current, low-noise voltage regulator
June 2016 Rev 6
LD39100PUR STMICROELECTRONICS-LD39100PUR Datasheet
863Kb / 23P
   1 A, low quiescent current, low noise voltage regulator
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com