Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6710 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LT6710
Description  Solid State Lamp (LED Lamp Cluster)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT6710 Datasheet(HTML) 3 Page - Sharp Corporation

  LT6710 Datasheet HTML 1Page - Sharp Corporation LT6710 Datasheet HTML 2Page - Sharp Corporation LT6710 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Solid State Lamp Outline Dimensions(Unit:mm)
125
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
Connector
EHR-3(JST corp.)
Suited base post
B3B-EH(JST corp.)
ø52
10˚
ø3±0.1
lead
12
6
15
±0.2
M4 6mm depth
1
3
2
Internal connection diagram
Red
Yellow-green
1 2 3
1 2 3
10˚
lead
ø 3.0 ±
0.1
(12.0)
5
15.0±0.2
M4 6mm depth
1
3
2
Yellow-green
Internal connection diagram
Red
52.0
ø
Connector
EHR-3(JST corp.)
Suited base post
B3B-EH(JST corp.)
ø52
ø3±0.1
lead
[12] 15
±0.2
5
M4 6mm depth
1
3
2
Internal connection diagram
Red
Yellow-green
1 2 3
Connector
EHR-3(JST corp.)
Suited base post
B3B-EH(JST corp.)
LT6710
LT6725
3
4
5
LT6750


Similar Part No. - LT6710

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LT671 SEOUL-LT671 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LT671 SEOUL-LT671 Datasheet
360Kb / 13P
   CYAN LAMP LED
LT671 SEOUL-LT671 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LT671 SEOUL-LT671 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LT671 SEOUL-LT671 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LT6710

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-CR19AR3G4 BETLUX-BL-CR19AR3G4 Datasheet
71Kb / 3P
   LED LAMP CLUSTER
BL-CS15AR1G3 BETLUX-BL-CS15AR1G3 Datasheet
73Kb / 3P
   LED LAMP CLUSTER
BL-CS28AR3G5B1 BETLUX-BL-CS28AR3G5B1 Datasheet
73Kb / 3P
   LED LAMP CLUSTER
BL-CS39AR2G1B1 BETLUX-BL-CS39AR2G1B1 Datasheet
79Kb / 3P
   LED LAMP CLUSTER
BL-CS19AR2G4 BETLUX-BL-CS19AR2G4 Datasheet
75Kb / 3P
   LED LAMP CLUSTER
BL-CS21AR2G1B1 BETLUX-BL-CS21AR2G1B1 Datasheet
79Kb / 3P
   LED LAMP CLUSTER
BL-CR19AR4 BETLUX-BL-CR19AR4 Datasheet
69Kb / 3P
   LED LAMP CLUSTER
BL-CR26AR5G10 BETLUX-BL-CR26AR5G10 Datasheet
73Kb / 3P
   LED LAMP CLUSTER
BL-CS15AR1G2B1 BETLUX-BL-CS15AR1G2B1 Datasheet
76Kb / 3P
   LED LAMP CLUSTER
BL-CS15AY4 BETLUX-BL-CS15AY4 Datasheet
77Kb / 3P
   LED LAMP CLUSTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com