Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F562T6BDFM Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F562T6BDFM
Description  MCUs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T6BDFM Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F562T6BDFM Datasheet HTML 1Page - Renesas Technology Corp R5F562T6BDFM Datasheet HTML 2Page - Renesas Technology Corp R5F562T6BDFM Datasheet HTML 3Page - Renesas Technology Corp R5F562T6BDFM Datasheet HTML 4Page - Renesas Technology Corp R5F562T6BDFM Datasheet HTML 5Page - Renesas Technology Corp R5F562T6BDFM Datasheet HTML 6Page - Renesas Technology Corp R5F562T6BDFM Datasheet HTML 7Page - Renesas Technology Corp R5F562T6BDFM Datasheet HTML 8Page - Renesas Technology Corp R5F562T6BDFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
RX62T
Position Control of PMSM with Encoder
R01AN0899EU0200 Rev. 2.00
Page 4 of 22
Jan. 31, 2014
3.
Specification and Performance Data
The implementation of position control is based on Renesas evaluation kit and RX62T MCU, the main specification data
are described as following:
 Input voltage: 24VDC
 Rated bus voltage: 24V
 Output voltage: 24VAC
 Rated output power: 120W
 PWM Switch frequency: 20KHz
 Control loop frequency: 10KHz
 Current measurement: 3 shunt resistors
 Position measurement: 1000 line quadrature encoder
 Implementation: FPU
 CPU bandwidth: 17%
 Used flash memory: 13.444Kbytes
 Used RAM: 1.725Kbytes
 Used stack : 336bytes


Similar Part No. - R5F562T6BDFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562T6BDFM RENESAS-R5F562T6BDFM Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
More results

Similar Description - R5F562T6BDFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX64M RENESAS-RX64M Datasheet
451Kb / 67P
   MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
logo
ATMEL Corporation
AT83C51RB2 ATMEL-AT83C51RB2_08 Datasheet
72Kb / 4P
   80C51 MCUs
T89C51CC01UA ATMEL-T89C51CC01UA Datasheet
136Kb / 8P
   80C51 MCUs
logo
Renesas Technology Corp
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
logo
Motorola, Inc
EB413 MOTOROLA-EB413 Datasheet
245Kb / 12P
   Resetting MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com