Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F562TADDFF Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F562TADDFF
Description  MCUs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TADDFF Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F562TADDFF Datasheet HTML 7Page - Renesas Technology Corp R5F562TADDFF Datasheet HTML 8Page - Renesas Technology Corp R5F562TADDFF Datasheet HTML 9Page - Renesas Technology Corp R5F562TADDFF Datasheet HTML 10Page - Renesas Technology Corp R5F562TADDFF Datasheet HTML 11Page - Renesas Technology Corp R5F562TADDFF Datasheet HTML 12Page - Renesas Technology Corp R5F562TADDFF Datasheet HTML 13Page - Renesas Technology Corp R5F562TADDFF Datasheet HTML 14Page - Renesas Technology Corp R5F562TADDFF Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
RX62T
Position Control of PMSM with Encoder
R01AN0899EU0200 Rev. 2.00
Page 11 of 22
Jan. 31, 2014
6.
Position Control Strategy
6.1 Block Diagram of Position Control
Figure 9 is block diagram of position control. The position control developed includes two loops. The outer loop is
position control to make the motor tracking and holding the given position. The inner loop is current control. Actually it
is the torque control loop. The motor currents are sampled through three shunt resistors and converted into the dq axis
currents. The control loop here is to control the q axis current for the torque.
Figure 9 Block diagram of position control
The position control scheme of the PMSM is illustrated in Figure 10. The system has an inner loop of current regulation
using vector control, and an outer loop of position regulation. This dual-loop structure ensures the fast torque response by
using the vector control, high position accuracy and fast tracking performance with the position controller.
In order to determine the d and q axis currents, the phase currents must be measured. Vector formulation uses Clarke and
Park transforms to convert the measured phase currents from the (u, v, w) frame to first transform them in the static
orthogonal (a,ß) frame (which is 90 degrees apart), and then, to the rotor frame which is also an orthogonal frame
aligned along the magnetic field axes known as the (d,q) frame. These transformations use the transcendental functions
sine and cosine of the rotor angle; thus, it is a requirement that the rotor angle is known at the time the calculation is
made. The position control requires current sensors, plus an encoder attached to the rotor shaft to measure the rotor
position.
Once the currents are transformed in the (d,q) frame, the control algorithm simply runs the PID or PI loop to calculate the
required voltages for the torque and flux. These required voltages (Vdc, Vqc) are then transformed back in the (u, v, w)
frame using the inverse Clarke and inverse Park transforms to further calculate the PWM duty cycle.
The position command is an input to the position control system. The motor has an encoder mounted on its rotor to give
the quadrature pulses A and B, as well as the zero synch pulse Z. All three of the rotor position signals are sent to the
MCU’s input-capture and timer/quadrature counter peripheral for making position and speed measurements. The
commanded position compares with the actual rotor position. The position regulator uses the traditional PID controller,
and outputs the torque control command of iq* to make the motor moving and tracking the commanded position.


Similar Part No. - R5F562TADDFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562TADDFF RENESAS-R5F562TADDFF Datasheet
640Kb / 94P
   100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
More results

Similar Description - R5F562TADDFF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX64M RENESAS-RX64M Datasheet
451Kb / 67P
   MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
   Renesas MCUs
logo
ATMEL Corporation
AT83C51RB2 ATMEL-AT83C51RB2_08 Datasheet
72Kb / 4P
   80C51 MCUs
T89C51CC01UA ATMEL-T89C51CC01UA Datasheet
136Kb / 8P
   80C51 MCUs
logo
Renesas Technology Corp
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
   Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
   Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
   Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
   Renesas MCUs
logo
Motorola, Inc
EB413 MOTOROLA-EB413 Datasheet
245Kb / 12P
   Resetting MCUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com