Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TDR029V1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STEVAL-TDR029V1
Description  RF power amplifier demonstration board based on the STAC2942B
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR029V1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STEVAL-TDR029V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-TDR029V1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
STAC2942B mounting recommendations
STEVAL-TDR029V1
6/10
Doc ID 17470 Rev 1
4.3
Surface conditions of the mounting base
The mounting base, or surface of the heatsink to which the backside of the package is
mounted, must be flat, clean, and free of tool marks.
Flatness: 400 µin/in (0.4 µm/mm)
Roughness: Ra<30 µin (0.8 µm)
Flatness and roughness values can be achieved on the above-mentioned materials with
standard machining processes, such as milling.
Holes for screws, solder wells, etc. should be slightly countersunk and/or de-burred.
4.4
Thermal interface material
Careful consideration must be paid to the actual interface layer between the backside of the
package and the mounting base. Cleanliness is key: particulates, grease, and oxidation
should be removed using standard practices.
A thermal interface material (TIM) of good thermal conductivity should be used in order to fill
any discontinuities between the package and mounting base surface. The decision of which
TIM material to use is based on many factors. Many types of TIMs are available today with
an incredible range of thermal/electrical/mechanical properties. Several are listed here:
WPSII (a silicone-free compound, Austerlitz Electronics),
Type 340 (Dow Corning)
Type 120 (a silicone compound, Wakefield Thermal Solutions)
Indium foil (Indium Corp.)
Sn63Pb37 or Pb-free solder
In all cases, the chosen TIM should be no thicker than necessary and applied as evenly as
possible. For liquid compounds, it is easiest to apply to the backside of the package, keeping
in mind that excessive TIM thickness results in a higher thermal resistance than using no
TIM at all. For foils and soldering it is best to specify an appropriately-sized “preform” and
apply it to the thermal base.
4.5
Seating plane
The seating plane refers to the distance between the thermal base and the bottom of the
transistor leads. This is shown on the package outline drawing to indicate the total thickness
of the PCB, or PCB+channel depth of the heatsink. Some points to consider are:
The leads of the transistor should launch perpendicular to the package body onto the
traces of the PCB to reduce mechanical stress to the package and solder joints. In
some cases, the PCB fabrication tolerances are such that the leads extend above the
plane defined by the top of the PCB; this situation is best handled with a judicious
selection of solder pad preform or paste thickness, or by a slight downward bending of
the transistor leads (no more than 0.01 in (0.25 mm). In no case should the leads be
bent higher than the topside of the PCB, to avoid shear stresses which could cause
damage to the interface between the lead and the package body.
Care should be taken to factor in the thickness of the TIM used, which is equivalent to
increasing the seating plane dimension.


Similar Part No. - STEVAL-TDR029V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TDR020V1 STMICROELECTRONICS-STEVAL-TDR020V1 Datasheet
206Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84006L-E
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
STEVAL-TDR022V1 STMICROELECTRONICS-STEVAL-TDR022V1 Datasheet
326Kb / 8P
   RF power amplifier using the PD85025-E for UHF OFDM and 2-way mobile radios
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
   Portable UHF 2-way radio demonstration board based on the PD84001
More results

Similar Description - STEVAL-TDR029V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TDR028V1 STMICROELECTRONICS-STEVAL-TDR028V1 Datasheet
169Kb / 11P
   RF power amplifier demonstration board based on the STAC2942B
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
   LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
   LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
CCA040V1 STMICROELECTRONICS-CCA040V1 Datasheet
248Kb / 6P
   4X10 Watt dual/quad power amplifier demonstration board based on the STA540SAN
STEVAL-CCA025V1 STMICROELECTRONICS-STEVAL-CCA025V1 Datasheet
91Kb / 4P
   Class G capless headphone amplifier demonstration board based on the TS4621E
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
   Connectivity gateway demonstration board based on the STM32F107
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
   Four-layer demonstration board based on the STA333IS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com