Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL17N3LLH6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STL17N3LLH6
Description  N-channel 30 V, 0.0038 廓, 17 A PowerFLAT??3.3x3.3) STripFET??VI DeepGATE??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL17N3LLH6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STL17N3LLH6 Datasheet HTML 5Page - STMicroelectronics STL17N3LLH6 Datasheet HTML 6Page - STMicroelectronics STL17N3LLH6 Datasheet HTML 7Page - STMicroelectronics STL17N3LLH6 Datasheet HTML 8Page - STMicroelectronics STL17N3LLH6 Datasheet HTML 9Page - STMicroelectronics STL17N3LLH6 Datasheet HTML 10Page - STMicroelectronics STL17N3LLH6 Datasheet HTML 11Page - STMicroelectronics STL17N3LLH6 Datasheet HTML 12Page - STMicroelectronics STL17N3LLH6 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package mechanical data
STL17N3LLH6
10/13
Doc ID 15535 Rev 3
Figure 19.
Package drawing


Similar Part No. - STL17N3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL17N60M6 STMICROELECTRONICS-STL17N60M6 Datasheet
580Kb / 15P
   N-channel 600 V, 300 m typ., 10 A, MDmeshTM M6 Power MOSFET in a PowerFLAT™ 8x8 HV package
February 2019 Rev 1
STL17N65M5 STMICROELECTRONICS-STL17N65M5 Datasheet
1Mb / 16P
   Excellent switching performance
July 2013 Rev 3
More results

Similar Description - STL17N3LLH6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL90N3LLH6 STMICROELECTRONICS-STL90N3LLH6 Datasheet
725Kb / 16P
   N-channel 30 V, 0.0038 廓 typ., 24 A STripFET??VI DeepGATE?? Power MOSFET in PowerFLAT??5x6 package
September 2013 Rev 4
STS26N3LLH6 STMICROELECTRONICS-STS26N3LLH6 Datasheet
730Kb / 14P
   N-channel 30 V, 0.0038 廓, 26 A, SO-8 STripFET??VI DeepGATE??Power MOSFET
STL160N3LLH6 STMICROELECTRONICS-STL160N3LLH6 Datasheet
781Kb / 16P
   N-channel 30 V, 0.0011 廓, 35 A PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
STL150N3LLH6 STMICROELECTRONICS-STL150N3LLH6 Datasheet
835Kb / 12P
   N-channel 30 V, 0.0016 廓, 33 A PowerFLAT??(6x5) STripFET??VI DeepGATE??Power MOSFET
STL9N3LLH5 STMICROELECTRONICS-STL9N3LLH5 Datasheet
652Kb / 12P
   N-channel 30 V, 0.015 廓, 9 A, PowerFLAT??(3.3x3.3) STripFET??V Power MOSFET
STL80N3LLH6 STMICROELECTRONICS-STL80N3LLH6 Datasheet
874Kb / 13P
   N-channel 30 V, 0.0046, 21 A PowerFLAT 5x6 STripFET VI DeepGATE Power MOSFET
December 2011 Rev 4
STD96N3LLH6 STMICROELECTRONICS-STD96N3LLH6 Datasheet
942Kb / 15P
   N-channel 30 V, 0.0037 廓, 80 A, DPAK STripFET??VI DeepGATE??Power MOSFET
STL6N3LLH6 STMICROELECTRONICS-STL6N3LLH6 Datasheet
1Mb / 14P
   N-channel 30 V, 0.021 typ., 6 A STripFET VI DeepGATE Power MOSFET in a PowerFLAT
STL75N8LF6 STMICROELECTRONICS-STL75N8LF6 Datasheet
797Kb / 16P
   N-channel 80 V, 5.6 m廓, 18 A, PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
November 2011 Rev 3
STL10N3LLH5 STMICROELECTRONICS-STL10N3LLH5 Datasheet
705Kb / 14P
   N-channel 30 V, 0.015, 9 A, PowerFLAT 3.3x3.3 STripFET V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com