Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL85N6F3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STL85N6F3
Description  N-channel 60 V, 0.0057 廓, 19 A PowerFLAT??5x6 STripFET??Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL85N6F3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STL85N6F3 Datasheet HTML 4Page - STMicroelectronics STL85N6F3 Datasheet HTML 5Page - STMicroelectronics STL85N6F3 Datasheet HTML 6Page - STMicroelectronics STL85N6F3 Datasheet HTML 7Page - STMicroelectronics STL85N6F3 Datasheet HTML 8Page - STMicroelectronics STL85N6F3 Datasheet HTML 9Page - STMicroelectronics STL85N6F3 Datasheet HTML 10Page - STMicroelectronics STL85N6F3 Datasheet HTML 11Page - STMicroelectronics STL85N6F3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Test circuits
STL85N6F3
8/15
Doc ID 15340 Rev 2
3
Test circuits
Figure 13.
Switching times test circuit for
resistive load
Figure 14.
Gate charge test circuit
Figure 15.
Test circuit for inductive load
switching and diode recovery times
Figure 16.
Unclamped inductive load test
circuit
Figure 17.
Unclamped inductive waveform
Figure 18.
Switching time waveform
AM01468v1
VGS
PW
VD
RG
RL
D.U.T.
2200
μF
3.3
μF
VDD
AM01469v1
VDD
47k
Ω
1k
Ω
47k
Ω
2.7k
Ω
1k
Ω
12V
Vi=20V=VGMAX
2200
μF
PW
IG=CONST
100
Ω
100nF
D.U.T.
VG
AM01470v1
A
D
D.U.T.
S
B
G
25
Ω
A
A
B
B
RG
G
FAST
DIODE
D
S
L=100
μH
μF
3.3
1000
μF
VDD
AM01471v1
Vi
Pw
VD
ID
D.U.T.
L
2200
μF
3.3
μF
VDD
AM01472v1
V(BR)DSS
VDD
VDD
VD
IDM
ID
AM01473v1
VDS
ton
tdon
tdoff
toff
tf
tr
90%
10%
10%
0
0
90%
90%
10%
VGS


Similar Part No. - STL85N6F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL80N3LLH6 STMICROELECTRONICS-STL80N3LLH6 Datasheet
874Kb / 13P
   N-channel 30 V, 0.0046, 21 A PowerFLAT 5x6 STripFET VI DeepGATE Power MOSFET
December 2011 Rev 4
STL80N4LLF3 STMICROELECTRONICS-STL80N4LLF3 Datasheet
347Kb / 12P
   N-channel 40V - 0.0042ohm - 80A - PowerFLAT (6x5) STripFET Power MOSFET for DC-DC conversion
STL80N75F6 STMICROELECTRONICS-STL80N75F6 Datasheet
1Mb / 15P
   N-channel 75 V, 4.5 m typ., 18 A STripFET DeepGATE VI Power MOSFET in PowerFLAT 5x6 package
STL80NF3LL STMICROELECTRONICS-STL80NF3LL Datasheet
344Kb / 9P
   N-CHANNEL 30V - 0.0045ohm - 80A PowerFLAT(6X5) STripFET II MOSFET
logo
Siemens Semiconductor G...
STL81004A SIEMENS-STL81004A Datasheet
129Kb / 4P
   1550 nm Laser in Coaxial Package with SM-Pigtail, Low Power
More results

Similar Description - STL85N6F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL75N3LLZH5 STMICROELECTRONICS-STL75N3LLZH5 Datasheet
516Kb / 9P
   N-channel 30 V, 0.0055 ?? 19 A PowerFLAT??(5x6) STripFET??V Power MOSFET
July 2010 Rev 2
STL140N4LLF5 STMICROELECTRONICS-STL140N4LLF5 Datasheet
245Kb / 10P
   N-channel 40 V, 0.00275 廓, 32 A, PowerFLAT??(5x6) STripFET??V Power MOSFET
STL35N6F3 STMICROELECTRONICS-STL35N6F3 Datasheet
994Kb / 17P
   N-channel 60 V, 0.019 廓, 10 A STripFET??III Power MOSFET in PowerFLAT??5x6 package
STL65N3LLH5 STMICROELECTRONICS-STL65N3LLH5 Datasheet
496Kb / 12P
   N-channel 30 V, 0.0048 廓, 19 A - PowerFLAT??(6x5) STripFET??V Power MOSFET
STL100N10F7 STMICROELECTRONICS-STL100N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.0062 廓 typ., 19 A, STripFET??VII DeepGATE?? Power MOSFET in a PowerFLAT??5x6 package
July 2013 Rev 4
STL90N6F7 STMICROELECTRONICS-STL90N6F7 Datasheet
373Kb / 13P
   N-channel 60 V, 0.0046 廓 typ., 90 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
June 2015 Rev 2
STL65DN3LLH5 STMICROELECTRONICS-STL65DN3LLH5 Datasheet
508Kb / 12P
   Dual N-channel 30 V, 0.0059 , 19 A PowerFLAT(5x6) double island, STripFET V Power MOSFET
STL140N6F7 STMICROELECTRONICS-STL140N6F7 Datasheet
944Kb / 13P
   N-channel 60 V, 2.4 m廓 typ., 140 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
April 2017 Rev 5
STL160N3LLH6 STMICROELECTRONICS-STL160N3LLH6 Datasheet
781Kb / 16P
   N-channel 30 V, 0.0011 廓, 35 A PowerFLAT??5x6 STripFET??VI DeepGATE??Power MOSFET
STL51N3LLH5 STMICROELECTRONICS-STL51N3LLH5 Datasheet
823Kb / 13P
   N-channel 30 V, 0.0105, 51 A, PowerFLAT 5x6 STripFET V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com