Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV6290A Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSV6290A
Description  Micropower with high merit factor CMOS operational amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6290A Datasheet(HTML) 3 Page - STMicroelectronics

  TSV6290A Datasheet HTML 1Page - STMicroelectronics TSV6290A Datasheet HTML 2Page - STMicroelectronics TSV6290A Datasheet HTML 3Page - STMicroelectronics TSV6290A Datasheet HTML 4Page - STMicroelectronics TSV6290A Datasheet HTML 5Page - STMicroelectronics TSV6290A Datasheet HTML 6Page - STMicroelectronics TSV6290A Datasheet HTML 7Page - STMicroelectronics TSV6290A Datasheet HTML 8Page - STMicroelectronics TSV6290A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TSV6290, TSV6290A, TSV6291, TSV6291A
Absolute maximum ratings and operating conditions
Doc ID 17117 Rev 1
3/23
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All voltage values, except differential voltage, are with respect to network ground terminal.
6V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±VCC
V
Vin
Input voltage (3)
3.
Vcc-Vin must not exceed 6 V, Vin must not exceed 6 V.
VCC- -0.2 to VCC+ +0.2
V
Iin
Input current (4)
4.
Input current must be limited by a resistor in series with the inputs.
10
mA
SHDN
Shutdown voltage(3)
VCC- -0.2 to VCC+ +0.2
V
Tstg
Storage temperature
-65 to +150
°C
Rthja
Thermal resistance junction to ambient(5)(6)
SC70-5
SOT23-5
SOT23-6
SC70-6
5.
Short-circuits can cause excessive heating and destructive dissipation.
6.
Rth are typical values.
205
250
240
232
°C/W
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model(7)
7.
Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
4kV
MM: machine model(8)
8.
Machine mode: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
300
V
CDM: charged device model(9)
9.
Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to the ground.
1.5
kV
Latch-up immunity
200
mA
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
1.5 to 5.5
V
Vicm
Common mode input voltage range
VCC- -0.1 to VCC+ +0.1
V
Toper
Operating free air temperature range
-40 to +125
°C


Similar Part No. - TSV6290A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV6292-3-4-5 STMICROELECTRONICS-TSV6292-3-4-5 Datasheet
917Kb / 25P
   Micropower, wide bandwidth CMOS operational amplifiers
TSV6292AID/DT STMICROELECTRONICS-TSV6292AID/DT Datasheet
917Kb / 25P
   Micropower, wide bandwidth CMOS operational amplifiers
TSV6292AIST STMICROELECTRONICS-TSV6292AIST Datasheet
917Kb / 25P
   Micropower, wide bandwidth CMOS operational amplifiers
TSV6292ID/DT STMICROELECTRONICS-TSV6292ID/DT Datasheet
917Kb / 25P
   Micropower, wide bandwidth CMOS operational amplifiers
TSV6292ILT STMICROELECTRONICS-TSV6292ILT Datasheet
917Kb / 25P
   Micropower, wide bandwidth CMOS operational amplifiers
More results

Similar Description - TSV6290A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8504ARUZ AD-AD8504ARUZ Datasheet
525Kb / 16P
   1 muA Micropower CMOS Operational Amplifiers
REV. A
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSV629X STMICROELECTRONICS-TSV629X Datasheet
917Kb / 25P
   Micropower, wide bandwidth CMOS operational amplifiers
logo
Unisonic Technologies
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8502 AD-AD8502_07 Datasheet
697Kb / 16P
   1 關A Micropower CMOS Operational Amplifiers
REV. 0
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
   1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com