Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC122X_1108 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC122X_1108
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC122X_1108 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC122X_1108 Datasheet HTML 6Page - NXP Semiconductors LPC122X_1108 Datasheet HTML 7Page - NXP Semiconductors LPC122X_1108 Datasheet HTML 8Page - NXP Semiconductors LPC122X_1108 Datasheet HTML 9Page - NXP Semiconductors LPC122X_1108 Datasheet HTML 10Page - NXP Semiconductors LPC122X_1108 Datasheet HTML 11Page - NXP Semiconductors LPC122X_1108 Datasheet HTML 12Page - NXP Semiconductors LPC122X_1108 Datasheet HTML 13Page - NXP Semiconductors LPC122X_1108 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 26 August 2011
10 of 61
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
PIO0_17/MOSI
32 44
[2]
[3]
no
I/O
I; PU
PIO0_17 — General purpose digital input/output pin.
I/O
-
MOSI — Master Out Slave In for SSP/SPI.
PIO0_18/SWCLK/
CT32B0_CAP0/
CT32B0_MAT0
33 45
[2]
[3]
no
I/O
I; PU
PIO0_18 — General purpose digital input/output pin.
I-
SWCLK — Serial wire clock, alternate location.
I-
CT32B0_CAP0 — Capture input, channel 0 for 32-bit timer 0.
O-
CT32B0_MAT0 — Match output, channel 0 for 32-bit timer 0.
PIO0_19/ACMP0_I0/
CT32B0_CAP1/
CT32B0_MAT1
44
[6]
[7]
no
I/O
I; PU
PIO0_19 — General purpose digital input/output pin.
I-
ACMP0_I0 — Input 0 for comparator 0.
I-
CT32B0_CAP1 — Capture input, channel 1 for 32-bit timer 0.
O-
CT32B0_MAT1 — Match output, channel 1 for 32-bit timer 0
PIO0_20/ACMP0_I1/
CT32B0_CAP2/
CT32B0_MAT2
55
[6]
[7]
no
I/O
I; PU
PIO0_20 — General purpose digital input/output pin.
I-
ACMP0_I1 — Input 1 for comparator 0.
I-
CT32B0_CAP2 — Capture input, channel 2 for 32-bit timer 0.
O-
CT32B0_MAT2 — Match output, channel 2 for 32-bit timer 0.
PIO0_21/ACMP0_I2/
CT32B0_CAP3/
CT32B0_MAT3
66
[6]
[7]
no
I/O
I; PU
PIO0_21 — General purpose digital input/output pin.
I-
ACMP0_I2 — Input 2 for comparator 0.
I-
CT32B0_CAP3 — Capture input, channel 3 for 32-bit timer 0.
O-
CT32B0_MAT3 — Match output, channel 3 for 32-bit timer 0.
PIO0_22/ACMP0_I3
7
7
[6]
[7]
no
I/O
I; PU
PIO0_22 — General purpose digital input/output pin.
I-
ACMP0_I3 — Input 3 for comparator 0.
PIO0_23/
ACMP1_I0/
CT32B1_CAP0/
CT32B1_MAT0
88
[6]
[7]
no
I/O
I; PU
PIO0_23 — General purpose digital input/output pin.
I-
ACMP1_I0 — Input 0 for comparator 1.
I-
CT32B1_CAP0 — Capture input, channel 0 for 32-bit timer 1.
O-
CT32B1_MAT0 — Match output, channel 0 for 32-bit timer 1.
PIO0_24/ACMP1_I1/
CT32B1_CAP1/
CT32B1_MAT1
99
[6]
[7]
no
I/O
I; PU
PIO0_24 — General purpose digital input/output pin.
I-
ACMP1_I1 — Input 1 for comparator 1.
I-
CT32B1_CAP1 — Capture input, channel 1 for 32-bit timer 1.
O-
CT32B1_MAT1 — Match output, channel 1 for 32-bit timer 1.
SWDIO/ACMP1_I2/
CT32B1_CAP2/
CT32B1_MAT2/
PIO0_25
10 10
[6]
[7]
no
I/O
I; PU
SWDIO — Serial wire debug input/output, default location.
I-
ACMP1_I2 — Input 2 for comparator 1.
I-
CT32B1_CAP2 — Capture input, channel 2 for 32-bit timer 1.
O-
CT32B1_MAT2 — Match output, channel 2 for 32-bit timer 1.
I/O
-
PIO0_25 — General purpose digital input/output pin.
SWCLK/ACMP1_I3/
CT32B1_CAP3/
CT32B1_MAT3/
PIO0_26
11 11
[6]
[7]
no
I
I; PU
SWCLK — Serial wire clock, default location.
I-
ACMP1_I3 — Input 3 for comparator 1.
I-
CT32B1_CAP3 — Capture input, channel 3 or 32-bit timer 1.
O-
CT32B1_MAT3 — Match output, channel 3 for 32-bit timer 1.
I/O
PIO0_26 — General purpose digital input/output pin.
Table 3.
LPC122x pin description …continued
Symbol
Start
logic
input
Type Reset
state
[1]
Description


Similar Part No. - LPC122X_1108

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC122X NXP-LPC122X Datasheet
1Mb / 60P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 1.1-21 February 2011
LPC122X NXP-LPC122X Datasheet
5Mb / 24P
   NXP LPC microcontrollers
November 2012
More results

Similar Description - LPC122X_1108

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC122X NXP-LPC122X Datasheet
1Mb / 60P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 1.1-21 February 2011
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
logo
Holtek Semiconductor In...
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
   32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC1102 NXP-LPC1102_11 Datasheet
292Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC11E3X NXP-LPC11E3X Datasheet
1Mb / 71P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USART
Rev.2.3-11 September 2014
LPC81XM PHILIPS-LPC81XM_15 Datasheet
739Kb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 4.4-23 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com