Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1776 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC1776
Description  32-bit ARM Cortex-M3 microcontroller
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1776 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC1776 Datasheet HTML 6Page - NXP Semiconductors LPC1776 Datasheet HTML 7Page - NXP Semiconductors LPC1776 Datasheet HTML 8Page - NXP Semiconductors LPC1776 Datasheet HTML 9Page - NXP Semiconductors LPC1776 Datasheet HTML 10Page - NXP Semiconductors LPC1776 Datasheet HTML 11Page - NXP Semiconductors LPC1776 Datasheet HTML 12Page - NXP Semiconductors LPC1776 Datasheet HTML 13Page - NXP Semiconductors LPC1776 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 117 page
background image
LPC178X_7X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 2 — 27 May 2011
10 of 117
NXP Semiconductors
LPC178x/7x
32-bit ARM Cortex-M3 microcontroller
Table 3.
Pin description
Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC
pins).
Symbol
Description
P0[0] to
P0[31]
I/O
Port 0: Port 0 is a 32-bit I/O port with individual direction
controls for each bit. The operation of port 0 pins depends upon
the pin function selected via the pin connect block.
P0[0]
94
U15
M10 66
[3]
I;
PU
I/O
P0[0] — General purpose digital input/output pin.
I
CAN_RD1 — CAN1 receiver input.
O
U3_TXD — Transmitter output for UART3.
I/O
I2C1_SDA — I2C1 data input/output (this pin does not use a
specialized I2C pad).
I/O
U0_TXD — Transmitter output for UART0.
P0[1]
96
T14
N11
67
[3]
I;
PU
I/O
P0[1] — General purpose digital input/output pin.
O
CAN_TD1 — CAN1 transmitter output.
I
U3_RXD — Receiver input for UART3.
I/O
I2C1_SCL — I2C1 clock input/output (this pin does not use a
specialized I2C pad).
I
U0_RXD — Receiver input for UART0.
P0[2]
202
C4
D5
141
[3]
I;
PU
I/O
P0[2] — General purpose digital input/output pin.
O
U0_TXD — Transmitter output for UART0.
O
U3_TXD — Transmitter output for UART3.
P0[3]
204
D6
A3
142
[3]
I;
PU
I/O
P0[3] — General purpose digital input/output pin.
I
U0_RXD — Receiver input for UART0.
I
U3_RXD — Receiver input for UART3.
P0[4]
168
B12
A11
116
[3]
I;
PU
I/O
P0[4] — General purpose digital input/output pin.
I/O
I2S_RX_SCK — I2S Receive clock. It is driven by the master
and received by the slave. Corresponds to the signal SCK in the
I2S-bus specification.
I
CAN_RD2 — CAN2 receiver input.
I
T2_CAP0 — Capture input for Timer 2, channel 0.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD[0] — LCD data.


Similar Part No. - LPC1776

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1776 NXP-LPC1776 Datasheet
1Mb / 117P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
Rev. 2-27 May 2011
LPC1776 NXP-LPC1776 Datasheet
1Mb / 120P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
LPC1776 NXP-LPC1776 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC1776FBD208 NXP-LPC1776FBD208 Datasheet
1Mb / 117P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
Rev. 2-27 May 2011
LPC1776FBD208 NXP-LPC1776FBD208 Datasheet
1Mb / 120P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
More results

Similar Description - LPC1776

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
   32-bit ARM Cortex-M3 microcontroller;
logo
Holtek Semiconductor In...
HT32F1251 HOLTEK-HT32F1251 Datasheet
851Kb / 35P
   32-bit Microcontroller with ARM Cortex-M3 Core
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
NXP Semiconductors
LPC178X-7X NXP-LPC178X-7X Datasheet
1Mb / 120P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash
Rev. 4-1 May 2012
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
   LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
logo
Nuvotem Talema
M054LAN TALEMA-M054LAN Datasheet
1Mb / 64P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
M0516ZAN ETC2-M0516ZAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com