Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2136-01 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC2136-01
Description  ARM7-based microcontrollers with two 10-bit ADCs and 10-bit DAC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2136-01 Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC2136-01 Datasheet HTML 1Page - NXP Semiconductors LPC2136-01 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
higherprocessingpower.Therearetwo16C550UARTs,two
FastI2C-bus(400kbps)interfaces,andtwoSPIinterfaces(one
withcapabilitiesforbufferingandvariabledatalength).
LPC213x/01UARTsfeatureafractionalbaud-rategenerator,
modemcontrol,andauto-bauding.
Therearetwo32-bittimers(eachwithfourcaptureand
comparechannels),aPWMunitwithsixoutputs,areal-time
clock,andaWatchdogtimer.
Fordebugging,eachdevicesupportsreal-timeemulation
andembeddedtracesupportandhasanintegratedvectored
interruptcontroller(VIC).Also,forcompatibilitywithexisting
tools,eachdeviceusesthestandardARMtest/debugJTAG
interface.
TheLPC213/01versionshavesevenFastI/Opins(5-Vtolerant)
withswitchingupto15MHz.Forallthedevices,theoperating
temperaturerangeis-40to85°C.
Third-Party Development Tools
Throughthird-partysuppliers,weofferarangeof
developmenttoolsforourmicrocontrollers.Forthemost
currentlisting,pleasevisitwww.nxp.com/microcontrollers.
Up to 512 KB of
128-bit-wide ISP/IAP Flash
Up to 32 KB SRAM
Two 32-bit timers
(four capture/
compare channels each)
E-ICE/RTM interface and
embedded-trace macrocell
60 MHz, 32-bit ARM7TDMI-S core
with AHB and APB interfaces
Power management, 3.3-V supply,
real-time clock, Watchdog timer, PLL
PWM unit
(six outputs)
10-bit D/A converter
(one channel)
Up to two
10-bit A/D converters
(eight channels each)
Two I2C
SPI, SSP
47 I/O ports
UART0
UART1
Vectored
interrupt controller
LPC213x block diagram
Type
Memory
Serial interfaces
ADC/DAC options
Enhanced
UARTs, ADC,
Fast I/Os, and
BOD
Packages
Flash (KB) SRAM (KB)
I2C
UART SPI and SSP
ADC channels
(10-bit)
DAC channels
(10-bit)
LPC2131
32
8
2
2
1
8
LQFP64
LPC2131/01
32
8
2
2
1
8
LQFP64
LPC2132
64
16
2
2
1
8
1
LQFP64,HVQFN64
LPC2132/01
64
16
2
2
1
8
1
LQFP64,HVQFN64
LPC2134
128
16
2
2
1
16
1
LQFP64
LPC2134/01
128
16
2
2
1
16
1
LQFP64
LPC2136
256
32
2
2
1
16
1
LQFP64
LPC2136/01
256
32
2
2
1
16
1
LQFP64
LPC2138
512
32
2
2
1
16
1
LQFP64,HVQFN64
LPC2138/01
512
32
2
2
1
16
1
LQFP64,HVQFN64
LPC213x selection guide
www.nxp.com
© 2007 NXP N.V.
All rights reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The
information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and
may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof
does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Date of release: January 2007
Document order number: 9397 750 15815
Printed in the USA


Similar Part No. - LPC2136-01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2136 NXP-LPC2136 Datasheet
697Kb / 39P
   Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 04-16 October 2007
LPC2136 PHILIPS-LPC2136 Datasheet
402Kb / 45P
   Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC
Rev. 5.1-29 July 2011
LPC2136/01 NXP-LPC2136/01 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC2136FBD64 PHILIPS-LPC2136FBD64 Datasheet
190Kb / 41P
   Single-chip 16/32-bit microcontrollers; 32/64/512 kB ISP/IAP Flash with 10-bit ADC and DAC
Rev. 02-15 April 2005
More results

Similar Description - LPC2136-01

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA88368 AGAMEM-AA88368 Datasheet
55Kb / 1P
   10-BIT DAC
AA88368AP AGAMEM-AA88368AP Datasheet
202Kb / 15P
   10-BIT DAC
logo
Intersil Corporation
ISL267440IUZ INTERSIL-ISL267440IUZ Datasheet
655Kb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
ISL267440 INTERSIL-ISL267440 Datasheet
719Kb / 17P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL267440 RENESAS-ISL267440 Datasheet
1Mb / 18P
   10-Bit and 12-Bit, 1MSPS SAR ADCs
June 28, 2012
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Maxim Integrated Produc...
MAX11618 MAXIM-MAX11618 Datasheet
1Mb / 21P
   10-Bit, 300ksps ADCs with FIFO and Internal Reference
19-5961; Rev 1; 9/11
logo
Analog Devices
AD7997 AD-AD7997 Datasheet
1Mb / 32P
   8-Channel, 10- and 12-Bit ADCs with I2CCompatible
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com