Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1102 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC1102
Description  32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1102 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC1102 Datasheet HTML 5Page - NXP Semiconductors LPC1102 Datasheet HTML 6Page - NXP Semiconductors LPC1102 Datasheet HTML 7Page - NXP Semiconductors LPC1102 Datasheet HTML 8Page - NXP Semiconductors LPC1102 Datasheet HTML 9Page - NXP Semiconductors LPC1102 Datasheet HTML 10Page - NXP Semiconductors LPC1102 Datasheet HTML 11Page - NXP Semiconductors LPC1102 Datasheet HTML 12Page - NXP Semiconductors LPC1102 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
LPC1102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 24 June 2011
9 of 39
NXP Semiconductors
LPC1102
32-bit ARM Cortex-M0 microcontroller
Support for RS-485/9-bit mode allows both software address detection and automatic
address detection using 9-bit mode.
The UART includes a fractional baud rate generator. Standard baud rates such as
115200 Bd can be achieved with any crystal frequency above 2 MHz.
7.8.1 Features
Maximum UART data bit rate of 3.125 Mbit/s.
16 Byte Receive and Transmit FIFOs.
Register locations conform to 16C550 industry standard.
Receiver FIFO trigger points at 1 B, 4 B, 8 B, and 14 B.
Built-in fractional baud rate generator covering wide range of baud rates without a
need for external crystals of particular values.
FIFO control mechanism that enables software flow control implementation.
Support for RS-485/9-bit mode.
7.9 SPI serial I/O controller
The LPC1102 contains one SPI controller and fully supports SSP features.
The SPI controller is capable of operation on a SSP, 4-wire SSI, or Microwire bus. It can
interact with multiple masters and slaves on the bus. Only a single master and a single
slave can communicate on the bus during a given data transfer. The SPI supports full
duplex transfers, with frames of 4 bits to 16 bits of data flowing from the master to the
slave and from the slave to the master. In practice, often only one of these data flows
carries meaningful data.
Remark: Care must be taken when using the SPI because the SPI clock SCK and the
serial wire debug clock SWCLK share the same pin on the WLCSP16 package. Once the
SPI is enabled, the serial wire debugger is no longer available.
7.9.1 Features
Maximum SPI speed of 25 Mbit/s (master) or 4.17 Mbit/s (slave) (in SSP mode)
Compatible with Motorola SPI, 4-wire Texas Instruments SSI, and National
Semiconductor Microwire buses
Synchronous serial communication
Master or slave operation
8-frame FIFOs for both transmit and receive
4-bit to 16-bit frame
7.10 10-bit ADC
The LPC1102 contains one ADC. It is a single 10-bit successive approximation ADC with
five channels.
7.10.1 Features
10-bit successive approximation ADC.


Similar Part No. - LPC1102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC1102 NXP-LPC1102 Datasheet
292Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC1102 NXP-LPC1102 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC1102 NXP-LPC1102 Datasheet
683Kb / 43P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC1102LVUK NXP-LPC1102LVUK Datasheet
1Mb / 53P
   32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
More results

Similar Description - LPC1102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC1102 NXP-LPC1102_11 Datasheet
292Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC11C24FBD48301 NXP-LPC11C24FBD48301 Datasheet
327Kb / 62P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.1-15 May 2013
LPC11C12 NXP-LPC11C12 Datasheet
310Kb / 49P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 00.05-6 May 2010
LPC11CX2 NXP-LPC11CX2 Datasheet
1Mb / 61P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM C_CAN
Rev. 2-3 December 2010
LPC11CX2 NXP-LPC11CX2_11 Datasheet
520Kb / 62P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3-27 June 2011
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC11CX2 NXP-LPC11CX2_V01 Datasheet
550Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; 16/32 kB flash, 8 kB SRAM; C_CAN
Rev. 3.2-4 January 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com