Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ2323H5 Datasheet(PDF) 3 Page - Sharp Corporation

Part # LZ2323H5
Description  1/3-type CCD Area Sensors with 320 k Pixels
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ2323H5 Datasheet(HTML) 3 Page - Sharp Corporation

  LZ2323H5 Datasheet HTML 1Page - Sharp Corporation LZ2323H5 Datasheet HTML 2Page - Sharp Corporation LZ2323H5 Datasheet HTML 3Page - Sharp Corporation LZ2323H5 Datasheet HTML 4Page - Sharp Corporation LZ2323H5 Datasheet HTML 5Page - Sharp Corporation LZ2323H5 Datasheet HTML 6Page - Sharp Corporation LZ2323H5 Datasheet HTML 7Page - Sharp Corporation LZ2323H5 Datasheet HTML 8Page - Sharp Corporation LZ2323H5 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LZ2323H5/LZ2324HJ
3
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTE
Ambient operating temperature
TOPR
25.0
˚C
Output transistor drain voltage
VOD
14.5
15.0
16.0
V
Reset transistor drain voltage
VRD
VOD
V
Overflow drain
voltage
When DC is applied
VOFD
5.0
19.0
V
1
When pulse is applied p-p level
VØOFD
21.5
V
2
Ground
GND
0.0
V
P-well voltage
VPW
–9.0
VØVL
V
Test pin, T1
VT1
VOD
V
Vertical shift
register clock
LOW level
VØV1L, VØV2L
VØV3L, VØV4L
–8.5
–8.0
–7.5
V
INTERMEDIATE level
VØV1I, VØV2I
VØV3I, VØV4I
0.0
V
HIGH level
VØV1H, VØV3H
14.5
15.0
17.0
V
Horizontal shift
register clock
LOW level
VØH1L, VØH2L
–0.05
0.0
0.05
V
HIGH level
VØH1H, VØH2H
4.7
5.0
6.0
V
Reset gate clock
LOW level
VØRSL
0.0
VRD – 13.0
V
HIGH level
VØRSH
VRD – 8.5
9.5
V
Vertical shift register clock frequency
fØV1, fØV2
fØV3, fØV4
15.63
kHz
Horizontal shift register clock frequency
fØH1, fØH2
9.66
MHz
Reset gate clock frequency
fØRS
9.66
MHz
LZ2323H5
LZ2324HJ
4.5
NOTES :
• Connect NC1 and NC2 to GND directly or through a capacitor larger than 0.047 µF.
1. When DC voltage is applied, shutter speed is 1/50-second.
2. When pulse is applied, shutter speed is less than 1/50-second.
* To apply power, first connect GND and then turn on VOFD. After turning on VOFD, turn on PW first and then turn on other
powers and pulses. Do not connect the device to or disconnect it from the plug socket while power is being applied.


Similar Part No. - LZ2323H5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2325A SHARP-LZ2325A Datasheet
102Kb / 14P
   Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 320 k Pixels
LZ2326AR SHARP-LZ2326AR Datasheet
102Kb / 14P
   Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 320 k Pixels
More results

Similar Description - LZ2323H5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2313H5 SHARP-LZ2313H5 Datasheet
92Kb / 12P
   1/3-type CCD Area Sensors with 270 k Pixels
LZ2363B SHARP-LZ2363B Datasheet
96Kb / 12P
   1/3-type CCD Area Sensors with 470 k Pixels
LZ2353B SHARP-LZ2353B Datasheet
97Kb / 12P
   1/3-type CCD Area Sensors with 410 k Pixels
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
   1/5-type Color CCD Area Sensor with 320 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
   1/4-type Color CCD Area Sensor with 320 k Pixels
LZ0P3620 SHARP-LZ0P3620 Datasheet
120Kb / 14P
   1/4-type Built-in Lens Color CCD Area Sensors with 320 k Pixels
LZ2413H SHARP-LZ2413H Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
LZ2325A SHARP-LZ2325A Datasheet
102Kb / 14P
   Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 320 k Pixels
LZ23H3V1 SHARP-LZ23H3V1 Datasheet
155Kb / 20P
   1/3-type Interline Color CCD Area Sensor with 1 090 k Pixels
LZ21N3V SHARP-LZ21N3V Datasheet
161Kb / 18P
   1/2-type Interline Color CCD Area Sensors with 2 140 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com