Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ2353B Datasheet(PDF) 6 Page - Sharp Corporation

Part # LZ2353B
Description  1/3-type CCD Area Sensors with 410 k Pixels
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ2353B Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LZ2353B Datasheet HTML 2Page - Sharp Corporation LZ2353B Datasheet HTML 3Page - Sharp Corporation LZ2353B Datasheet HTML 4Page - Sharp Corporation LZ2353B Datasheet HTML 5Page - Sharp Corporation LZ2353B Datasheet HTML 6Page - Sharp Corporation LZ2353B Datasheet HTML 7Page - Sharp Corporation LZ2353B Datasheet HTML 8Page - Sharp Corporation LZ2353B Datasheet HTML 9Page - Sharp Corporation LZ2353B Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LZ2353B/LZ2354BJ
6
PIXEL STRUCTURE
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
yyyyyyyyy
768 (H) x 494 (V)
OPTICAL BLACK
(2 PIXELS)
OPTICAL BLACK
(11 PIXELS)
1 pin
OPTICAL BLACK
(3 PIXELS)
OPTICAL BLACK
(40 PIXELS)
COLOR FILTER ARRAY (FOR LZ2353B)
Cy
Ye
Cy
Ye
Cy
MgGMgGMg
Cy
Ye
Cy
Ye
Cy
GMgGMgG
Cy
Ye
Cy
Ye
Cy
MgGMgGMg
Ye
Cy
Ye
Cy
Ye
G
Mg
G
Mg
G
Ye
Cy
Ye
Cy
Ye
Mg
G
Mg
G
Mg
Ye
Cy
Ye
Cy
Ye
G
Mg
G
Mg
G
Ye
Cy
Ye
Cy
Ye
G
Mg
G
Mg
G
Ye
Cy
Ye
Cy
Ye
Mg
G
Mg
G
Mg
Ye
Cy
Ye
Cy
Ye
G
Mg
G
Mg
G
Cy
Ye
Cy
Ye
Cy
MgGMgGMg
Cy
Ye
Cy
Ye
Cy
GMgGMgG
Cy
Ye
Cy
Ye
Cy
MgGMgGMg
(1, 494)
(768, 494)
(1, 1)
(768, 1)
EVEN
field
ODD
field


Similar Part No. - LZ2353B

ManufacturerPart #DatasheetDescription
logo
ebm-papst
LZ23 EBMPAPST-LZ23 Datasheet
436Kb / 2P
   METAL FINGER GUARDS
LZ23-2 EBMPAPST-LZ23-2 Datasheet
221Kb / 1P
   PLASTIC FINGER GUARDS
LZ23-3 EBMPAPST-LZ23-3 Datasheet
221Kb / 1P
   PLASTIC FINGER GUARDS
logo
Sharp Corporation
LZ2313H5 SHARP-LZ2313H5 Datasheet
92Kb / 12P
   1/3-type CCD Area Sensors with 270 k Pixels
LZ2314HJ SHARP-LZ2314HJ Datasheet
92Kb / 12P
   1/3-type CCD Area Sensors with 270 k Pixels
More results

Similar Description - LZ2353B

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2323H5 SHARP-LZ2323H5 Datasheet
95Kb / 12P
   1/3-type CCD Area Sensors with 320 k Pixels
LZ2313H5 SHARP-LZ2313H5 Datasheet
92Kb / 12P
   1/3-type CCD Area Sensors with 270 k Pixels
LZ2363B SHARP-LZ2363B Datasheet
96Kb / 12P
   1/3-type CCD Area Sensors with 470 k Pixels
LZ2453A SHARP-LZ2453A Datasheet
89Kb / 11P
   1/4-type Color CCD Area Sensor with 410 k Pixels
LZ2413H SHARP-LZ2413H Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
LZ23H3V1 SHARP-LZ23H3V1 Datasheet
155Kb / 20P
   1/3-type Interline Color CCD Area Sensor with 1 090 k Pixels
LZ21N3V SHARP-LZ21N3V Datasheet
161Kb / 18P
   1/2-type Interline Color CCD Area Sensors with 2 140 k Pixels
RJ21P3AA0PT SHARP-RJ21P3AA0PT Datasheet
179Kb / 18P
   1/1.8-type Interline Color CCD Area Sensor with 3 370 k Pixels
LZ23BP2 SHARP-LZ23BP2 Datasheet
90Kb / 11P
   1/3-type Progressive-scan Color CCD Area Sensor with 350 k Pixels
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
   1/5-type Color CCD Area Sensor with 320 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com