Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC1758FBD80 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC1758FBD80
Description  32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1758FBD80 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC1758FBD80 Datasheet HTML 2Page - NXP Semiconductors LPC1758FBD80 Datasheet HTML 3Page - NXP Semiconductors LPC1758FBD80 Datasheet HTML 4Page - NXP Semiconductors LPC1758FBD80 Datasheet HTML 5Page - NXP Semiconductors LPC1758FBD80 Datasheet HTML 6Page - NXP Semiconductors LPC1758FBD80 Datasheet HTML 7Page - NXP Semiconductors LPC1758FBD80 Datasheet HTML 8Page - NXP Semiconductors LPC1758FBD80 Datasheet HTML 9Page - NXP Semiconductors LPC1758FBD80 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 74 page
background image
LPC1759_58_56_54_52_51
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 29 March 2011
6 of 74
NXP Semiconductors
LPC1759/58/56/54/52/51
32-bit ARM Cortex-M3 microcontroller
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration LQFP80 package
60
41
1
20
002aae158
Table 3.
Pin description
Symbol
Pin
Type
Description
P0[0] to P0[31]
I/O
Port 0: Port 0 is a 32-bit I/O port with individual direction controls for each bit. The
operation of Port 0 pins depends upon the pin function selected via the pin
connect block. Some port pins are not available on the LQFP80 package.
P0[0]/RD1/TXD3/
SDA1
37[1]
I/O
P0[0] — General purpose digital input/output pin.
I
RD1 — CAN1 receiver input.
O
TXD3 — Transmitter output for UART3.
I/O
SDA1 — I2C1 data input/output (this is not an I2C-bus compliant open-drain pin).
P0[1]/TD1/RXD3/
SCL1
38[1]
I/O
P0[1] — General purpose digital input/output pin.
O
TD1 — CAN1 transmitter output.
I
RXD3 — Receiver input for UART3.
I/O
SCL1 — I2C1 clock input/output (this is not an I2C-bus compliant open-drain pin).
P0[2]/TXD0/AD0[7] 79[2]
I/O
P0[2] — General purpose digital input/output pin.
O
TXD0 — Transmitter output for UART0.
I
AD0[7] — A/D converter 0, input 7.
P0[3]/RXD0/AD0[6] 80[2]
I/O
P0[3] — General purpose digital input/output pin.
I
RXD0 — Receiver input for UART0.
I
AD0[6] — A/D converter 0, input 6.
P0[6]/
I2SRX_SDA/
SSEL1/MAT2[0]
64[1]
I/O
P0[6] — General purpose digital input/output pin.
I/O
I2SRX_SDA — Receive data. It is driven by the transmitter and read by the
receiver. Corresponds to the signal SD in the I2S-bus specification.
(LPC1759/58/56 only).
I/O
SSEL1 — Slave Select for SSP1.
O
MAT2[0] — Match output for Timer 2, channel 0.


Similar Part No. - LPC1758FBD80

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1758FBD80 NXP-LPC1758FBD80 Datasheet
957Kb / 64P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-26 January 2010
LPC1758FBD80 NXP-LPC1758FBD80 Datasheet
4Mb / 835P
   LPC17xx User manual
Rev. 01-4 January 2010
More results

Similar Description - LPC1758FBD80

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1758 PHILIPS-LPC1758 Datasheet
299Kb / 71P
   32-bit ARM Cortex-M3 MCU up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 02-11 February 2009
LPC1759 NXP-LPC1759 Datasheet
957Kb / 64P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-26 January 2010
LPC1759 PHILIPS-LPC1759_15 Datasheet
1,013Kb / 80P
   32-bit ARM Cortex-M3 MCU; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 8.6-18 August 2015
LPC1768 PHILIPS-LPC1768 Datasheet
311Kb / 72P
   32-bit ARM Cortex-M3 microcontroller up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 02-11 February 2009
LPC1768FBD100551 PHILIPS-LPC1768FBD100551 Datasheet
828Kb / 82P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 9-10 August 2012
LPC1768 NXP-LPC1768 Datasheet
1Mb / 65P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 03-19 November 2009
LPC1763FBD100551 PHILIPS-LPC1763FBD100551 Datasheet
918Kb / 86P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 9.3-8 January 2014
LPC1769 NXP-LPC1769 Datasheet
1Mb / 66P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet, USB 2.0 Host/Device/OTG, CAN
Rev. 04-1 February 2010
LPC1788 NXP-LPC1788 Datasheet
1Mb / 117P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 96 kB SRAM; USB Device/Host/OTG
Rev. 2-27 May 2011
LPC1769 NXP-LPC1769_11 Datasheet
762Kb / 79P
   32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
Rev. 7-5 April 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com