Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ2416J Datasheet(PDF) 3 Page - Sharp Corporation

Part # LZ2416J
Description  Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 270 k Pixels
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ2416J Datasheet(HTML) 3 Page - Sharp Corporation

  LZ2416J Datasheet HTML 1Page - Sharp Corporation LZ2416J Datasheet HTML 2Page - Sharp Corporation LZ2416J Datasheet HTML 3Page - Sharp Corporation LZ2416J Datasheet HTML 4Page - Sharp Corporation LZ2416J Datasheet HTML 5Page - Sharp Corporation LZ2416J Datasheet HTML 6Page - Sharp Corporation LZ2416J Datasheet HTML 7Page - Sharp Corporation LZ2416J Datasheet HTML 8Page - Sharp Corporation LZ2416J Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LZ2416J
3
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTE
Ambient operating temperature
TOPR
25.0
˚C
Output transistor drain voltage
VOD
12.0
12.5
13.0
V
Ground
GND
0.0
V
Horizontal shift
register clock
LOW level
VØH1L, VØH2L
VØH1BL, VØH2BL
–0.05
0.0
0.05
V
HIGH level
VØH1H, VØH2H
VØH1BH, VØH2BH
4.7
5.0
5.5
V
Reset gate clock
LOW level
VØRSL
0.0
Vertical shift register clock frequency
fØV1, fØV2
fØV3, fØV4
15.73
kHz
Horizontal shift register clock frequency
fØH1, fØH2
fØH1B, fØH2B
9.53
MHz
Reset gate clock frequency
fØRS
9.53
MHz
NOTES :
1. When DC voltage is applied, shutter speed is 1/60-second.
2. When pulse is applied, shutter speed is less than 1/60-second.
3.
* To apply power, first connect GND and then turn on VOD and then turn on other powers and pulses. Do not connect the
device to or disconnect it from the plug socket while power is being applied.
1
V
12.0
2.7
VOFD
Overflow drain
voltage
V
0.05
0.0
–0.05
VØTGL
Transfer gate
clock
LOW level
HIGH level
VØTGH
12.0
12.5
13.0
V
p-p level
Vertical shift
register clock
VØV1, VØV2
VØV3, VØV4
4.7
5.0
5.5
V
When DC is applied
VOD – 9.0
V
3
ns
18.0
13.0
8.0
tw1, tw2
Horizontal shift register clock phase
ØH1, ØH2
ØH1B, ØH2B : Normal image output mode
ØH1B, ØH2B : Mirror image output mode
tw1
tw2
When pulse is applied p-p level
VØOFD
12.0
12.5
13.0
V
2
V
9.5
VOD – 4.5
VØRSH
HIGH level


Similar Part No. - LZ2416J

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2413 SHARP-LZ2413 Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
LZ2413H SHARP-LZ2413H Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
More results

Similar Description - LZ2416J

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2426J SHARP-LZ2426J Datasheet
107Kb / 12P
   Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 320 k Pixels
LZ2315A SHARP-LZ2315A Datasheet
106Kb / 14P
   Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 270 k Pixels
LZ2325A SHARP-LZ2325A Datasheet
102Kb / 14P
   Dual-power-supply (5 V/12 V) Operation 1/3-type CCD Area Sensors with 320 k Pixels
LZ2513 SHARP-LZ2513 Datasheet
86Kb / 11P
   1/5-type Color CCD Area Sensor with 270 k Pixels
LZ2336 SHARP-LZ2336 Datasheet
178Kb / 8P
   Two-power supply (5 V and 12 V) operation 1 / 3 type B/W CCD Area Sensor for EIA
LZ2413H SHARP-LZ2413H Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
LZ2346 SHARP-LZ2346 Datasheet
185Kb / 8P
   Twopower supply (5 V and 12 V) operation CCIR 1/3 type B/W CCD Area Sensor for CCIR
LZ2313H5 SHARP-LZ2313H5 Datasheet
92Kb / 12P
   1/3-type CCD Area Sensors with 270 k Pixels
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
   1/5-type Color CCD Area Sensor with 320 k Pixels
LZ2423H SHARP-LZ2423H Datasheet
85Kb / 11P
   1/4-type Color CCD Area Sensor with 320 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com