Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC2378 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC2378
Description  Single-chip 16-bit/32-bit microcontrollers; 512 kB flash withISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC2378 Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC2378 Datasheet HTML 1Page - NXP Semiconductors LPC2378 Datasheet HTML 2Page - NXP Semiconductors LPC2378 Datasheet HTML 3Page - NXP Semiconductors LPC2378 Datasheet HTML 4Page - NXP Semiconductors LPC2378 Datasheet HTML 5Page - NXP Semiconductors LPC2378 Datasheet HTML 6Page - NXP Semiconductors LPC2378 Datasheet HTML 7Page - NXP Semiconductors LPC2378 Datasheet HTML 8Page - NXP Semiconductors LPC2378 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
1.
General description
The LPC2377/78 microcontrollers are based on a 16-bit/32-bit ARM7TDMI-S CPU with
real-time emulation that combines the microcontroller with 512 kB of embedded
high-speed flash memory. A 128-bit wide memory interface and a unique accelerator
architecture enable 32-bit code execution at the maximum clock rate. For critical
performance in interrupt service routines and DSP algorithms, this increases performance
up to 30 % over Thumb mode. For critical code size applications, the alternative 16-bit
Thumb mode reduces code by more than 30 % with minimal performance penalty.
The LPC2377/78 are ideal for multi-purpose serial communication applications. It
incorporates a 10/100 Ethernet Media Access Controller (MAC), USB full speed device
with 4 kB of endpoint RAM (LPC2378 only), four UARTs, two CAN channels (LPC2378
only), an SPI interface, two Synchronous Serial Ports (SSP), three I2C-bus interfaces, an
I2S-bus interface, and an External Memory Controller (EMC). This blend of serial
communications interfaces combined with an on-chip 4 MHz internal oscillator, SRAM of
32 kB, 16 kB SRAM for Ethernet, 8 kB SRAM for USB and general purpose use, together
with 2 kB battery powered SRAM make this device very well suited for communication
gateways and protocol converters. Various 32-bit timers, an improved 10-bit ADC, 10-bit
DAC, PWM unit, a CAN control unit, and up to 104 fast GPIO lines with up to 50 edge and
up to four level sensitive external interrupt pins make these microcontrollers particularly
suitable for industrial control and medical systems.
2.
Features and benefits
ARM7TDMI-S processor, running at up to 72 MHz.
Up to 512 kB on-chip flash program memory with In-System Programming (ISP) and
In-Application Programming (IAP) capabilities. Flash program memory is on the ARM
local bus for high performance CPU access.
32 kB of SRAM on the ARM local bus for high performance CPU access.
16 kB SRAM for Ethernet interface. Can also be used as general purpose SRAM.
8 kB SRAM for general purpose DMA use also accessible by the USB.
Dual Advanced High-performance Bus (AHB) system that provides for simultaneous
Ethernet DMA, USB DMA, and program execution from on-chip flash with no
contention between those functions. A bus bridge allows the Ethernet DMA to access
the other AHB subsystem.
EMC provides support for static devices such as flash and SRAM as well as off-chip
memory mapped peripherals.
Advanced Vectored Interrupt Controller (VIC), supporting up to 32 vectored interrupts.
LPC2377/78
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with
ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 5 — 17 June 2010
Product data sheet


Similar Part No. - LPC2378

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2378 PHILIPS-LPC2378 Datasheet
253Kb / 54P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-6 December 2006
LPC2378 NXP-LPC2378 Datasheet
258Kb / 55P
   Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 04-19 November 2008
LPC2378 NXP-LPC2378 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC2378FBD144 PHILIPS-LPC2378FBD144 Datasheet
253Kb / 54P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-6 December 2006
LPC2378FBD144 NXP-LPC2378FBD144 Datasheet
258Kb / 55P
   Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 04-19 November 2008
More results

Similar Description - LPC2378

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2378 PHILIPS-LPC2378 Datasheet
253Kb / 54P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-6 December 2006
LPC2377 NXP-LPC2377_V01 Datasheet
351Kb / 69P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 6.1??6 October 2013
LPC2387 NXP-LPC2387 Datasheet
1Mb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev.01.00-6 November 2007
LPC2387 NXP-LPC2387_08 Datasheet
226Kb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 February 2008
LPC2364 NXP-LPC2364 Datasheet
225Kb / 47P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 October 2007
LPC2364 PHILIPS-LPC2364 Datasheet
1Mb / 48P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-22 September 2006
LPC2364 NXP-LPC2364_10 Datasheet
983Kb / 59P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 06-1 February 2010
LPC2377 NXP-LPC2377 Datasheet
258Kb / 55P
   Single-chip 16-bit/32-bit microcontroller; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 04-19 November 2008
LPC2365FBD100 NXP-LPC2365FBD100 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
LPC2364FET100 NXP-LPC2364FET100 Datasheet
405Kb / 69P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 7.1-16 October 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com