Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LZ2423H Datasheet(PDF) 11 Page - Sharp Corporation

Part # LZ2423H
Description  1/4-type Color CCD Area Sensor with 320 k Pixels
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LZ2423H Datasheet(HTML) 11 Page - Sharp Corporation

Back Button LZ2423H Datasheet HTML 3Page - Sharp Corporation LZ2423H Datasheet HTML 4Page - Sharp Corporation LZ2423H Datasheet HTML 5Page - Sharp Corporation LZ2423H Datasheet HTML 6Page - Sharp Corporation LZ2423H Datasheet HTML 7Page - Sharp Corporation LZ2423H Datasheet HTML 8Page - Sharp Corporation LZ2423H Datasheet HTML 9Page - Sharp Corporation LZ2423H Datasheet HTML 10Page - Sharp Corporation LZ2423H Datasheet HTML 11Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
3) To avoid generating static electricity,
a. do not scrub the glass surface with cloth or
plastic.
b. do not attach any tape or labels.
c. do not clean the glass surface with dust-
cleaning tape.
4) When storing or transporting the device, put it in
a container of conductive material.
3. Dust and Contamination
Dust or contamination on the glass surface could
deteriorate the output characteristics or cause a
scar. In order to minimize dust or contamination on
the glass surface, take the following precautions :
1) Handle the CCD in a clean environment such
as a cleaned booth. (The cleanliness level
should be, if possible, class 1 000 at least.)
2) Do not touch the glass surface with the fingers.
If dust or contamination gets on the glass
surface, the following cleaning method is
recommended :
ø Dust from static electricity should be blown
off with an ionized air blower. For anti-
electrostatic measures, however, ground all
the leads on the device before blowing off
the dust.
ø The contamination on the glass surface
should be wiped off with a clean applicator
soaked in Isopropyl alcohol. Wipe slowly and
gently in one direction only.
– Frequently replace the applicator and do not
use the same applicator to clean more than
one device.
◊ Note : In most cases, dust and contamination
are unavoidable, even before the device
is first used. It is, therefore, recommended
that the above procedures should be
taken to wipe out dust and contamination
before using the device.
4. Other
1) Soldering should be manually performed within
5 seconds at 350 °C maximum at soldering iron.
2) Avoid using or storing the CCD at high tem-
perature or high humidity as it is a precise
optical component. Do not give a mechanical
shock to the CCD.
3) Do not expose the device to strong light. For
the color device, long exposure to strong light
will fade the color of the color filters.
11
PRECAUTIONS FOR CCD AREA SENSORS


Similar Part No. - LZ2423H

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2426J SHARP-LZ2426J Datasheet
107Kb / 12P
   Dual-power-supply (5 V/12 V) Operation 1/4-type B/W CCD Area Sensor with 320 k Pixels
More results

Similar Description - LZ2423H

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LZ2523 SHARP-LZ2523 Datasheet
87Kb / 11P
   1/5-type Color CCD Area Sensor with 320 k Pixels
LZ2463A SHARP-LZ2463A Datasheet
88Kb / 11P
   1/4-type Color CCD Area Sensor with 470 k Pixels
LZ2453A SHARP-LZ2453A Datasheet
89Kb / 11P
   1/4-type Color CCD Area Sensor with 410 k Pixels
LZ0P3620 SHARP-LZ0P3620 Datasheet
120Kb / 14P
   1/4-type Built-in Lens Color CCD Area Sensors with 320 k Pixels
LZ2513 SHARP-LZ2513 Datasheet
86Kb / 11P
   1/5-type Color CCD Area Sensor with 270 k Pixels
LZ2323H5 SHARP-LZ2323H5 Datasheet
95Kb / 12P
   1/3-type CCD Area Sensors with 320 k Pixels
LZ24BP SHARP-LZ24BP Datasheet
87Kb / 10P
   1/4-type Progressive-scan Color CCD Area Sensor with 350 k Pixels
LZ2413H SHARP-LZ2413H Datasheet
86Kb / 11P
   1/4-type Color CCD Area Sensors with 270 k Pixels
LZ23H3V1 SHARP-LZ23H3V1 Datasheet
155Kb / 20P
   1/3-type Interline Color CCD Area Sensor with 1 090 k Pixels
LZ23J3V SHARP-LZ23J3V Datasheet
126Kb / 15P
   1/2.7-type Interline Color CCD Area Sensor with 1 310 k Pixels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com