Electronic Components Datasheet Search |
|
LPC2468 Datasheet(PDF) 10 Page - NXP Semiconductors |
|
LPC2468 Datasheet(HTML) 10 Page - NXP Semiconductors |
10 / 85 page LPC2468 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 6.1 — 6 September 2011 10 of 85 NXP Semiconductors LPC2468 Single-chip 16-bit/32-bit micro P0[12]/ USB_PPWR2/ MISO1/AD0[6] 41[2] R1[2] I/O P0[12] — General purpose digital input/output pin. O USB_PPWR2 — Port Power enable signal for USB port 2. I/O MISO1 — Master In Slave Out for SSP1. I AD0[6] — A/D converter 0, input 6. P0[13]/ USB_UP_LED2/ MOSI1/AD0[7] 45[2] R2[2] I/O P0[13] — General purpose digital input/output pin. O USB_UP_LED2 — USB port 2 GoodLink LED indicator. It is LOW when device is configured (non-control endpoints enabled), or when host is enabled and has detected a device on the bus. It is HIGH when the device is not configured, or when host is enabled and has not detected a device on the bus, or during global suspend. It transitions between LOW and HIGH (flashes) when host is enabled and detects activity on the bus. I/O MOSI1 — Master Out Slave In for SSP1. I AD0[7] — A/D converter 0, input 7. P0[14]/ USB_HSTEN2/ USB_CONNECT2/ SSEL1 69[1] T7[1] I/O P0[14] — General purpose digital input/output pin. O USB_HSTEN2 — Host Enabled status for USB port 2. O USB_CONNECT2 — SoftConnect control for USB port 2. Signal used to switch an external 1.5 k resistor under software control. Used with the SoftConnect USB feature. I/O SSEL1 — Slave Select for SSP1. P0[15]/TXD1/ SCK0/SCK 128[1] J16[1] I/O P0[15] — General purpose digital input/output pin. O TXD1 — Transmitter output for UART1. I/O SCK0 — Serial clock for SSP0. I/O SCK — Serial clock for SPI. P0[16]/RXD1/ SSEL0/SSEL 130[1] J14[1] I/O P0[16] — General purpose digital input/output pin. I RXD1 — Receiver input for UART1. I/O SSEL0 — Slave Select for SSP0. I/O SSEL — Slave Select for SPI. P0[17]/CTS1/ MISO0/MISO 126[1] K17[1] I/O P0[17] — General purpose digital input/output pin. I CTS1 — Clear to Send input for UART1. I/O MISO0 — Master In Slave Out for SSP0. I/O MISO — Master In Slave Out for SPI. P0[18]/DCD1/ MOSI0/MOSI 124[1] K15[1] I/O P0[18] — General purpose digital input/output pin. I DCD1 — Data Carrier Detect input for UART1. I/O MOSI0 — Master Out Slave In for SSP0. I/O MOSI — Master Out Slave In for SPI. P0[19]/DSR1/ MCICLK/SDA1 122[1] L17[1] I/O P0[19] — General purpose digital input/output pin. I DSR1 — Data Set Ready input for UART1. O MCICLK — Clock output line for SD/MMC interface. I/O SDA1 — I2C1 data input/output (this is not an open-drain pin). P0[20]/DTR1/ MCICMD/SCL1 120[1] M17[1] I/O P0[20] — General purpose digital input/output pin. O DTR1 — Data Terminal Ready output for UART1. I/O MCICMD — Command line for SD/MMC interface. I/O SCL1 — I2C1 clock input/output (this is not an open-drain pin). Table 4. Pin description …continued Symbol Pin Ball Type Description |
Similar Part No. - LPC2468 |
|
Similar Description - LPC2468 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |