Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40822 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # 40822
Description  MOS FIELD-EFFECT TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

40822 Datasheet(HTML) 1 Page - Advanced Semiconductor

  40822 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without
CHARACTERISTICS T
A = 25
OC
NONE
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
VG1S(OFF)
VDS = 15 V
VG2S = 4.0 V
ID = 50 µA
-2.0
-4.0
V
VG2S(OFF)
VDS = 15 V
VG1S = 0 V
ID = 50 µA
-2.0
-4.0
V
IG1SSF
VG1S = 6.0 V
VG2S = VDS = 0 V
50
µA
IG1SSR
VG1S = -6.0 V VG2S = VDS = 0 V
50
µA
IG2SSF
VG2S = 6.0 V
VG1S = VDS = 0 V
50
µA
IG2SSR
VG2S = -6.0 V VG1S = VDS = 0 V
50
µA
IDS
VDS = 15 V
VG1S = 0 V
VG2S = 4.0 V
5.0
15
30
mA
V(BR)G1
IG1 = ±100 µA
9.0
V
V(BR)G2
IG2 = ±100 µA
9.0
V
gfs
VDS = 15 V
VG2S = 4.0 V
ID = 10 mA
f = 1.0 KHz
12000
µmho
Crss
Ciss
Coss
VDS = 15 V
VG2S = 4.0 V
ID = 10 mA
f = 1.0 MHz
0.005
6.5
2.0
0.03
9.5
pF
GPS
NF
VDS = 15 V
VG2S = 4.0 V
ID = 10 mA
f
= 200 MHz
19
24
2.0
3.5
dB
MOS FIELD-EFFECT TRANSISTOR
40822
DESCRIPTION:
The
ASI 40822 is a N-Channel Dual-
Gate Depletion Type Transistor With
Monolithic Gate Protection Diodes,
used in RF,IF Amplifier and Mixer
Applications up to 150 MHz.
MAXIMUM RATINGS
ID
50 mA
VD
24 V
PDISS
330 mW @ TA = 25
OC
TJ
-65
OC to +175 OC
TSTG
-65
OC to +175 OC
PACKAGE STYLE TO-72
1 = Drain
2 = Gate #2
3 = Gate #1
4 = Source, Case, and Substrate


Similar Part No. - 40822

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
40822 NJSEMI-40822 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
40822 NJSEMI-40822 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
40822 NJSEMI-40822_13 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
More results

Similar Description - 40822

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com